Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5170 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA5170
Description  SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5170 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA5170 Datasheet HTML 1Page - STMicroelectronics TEA5170 Datasheet HTML 2Page - STMicroelectronics TEA5170 Datasheet HTML 3Page - STMicroelectronics TEA5170 Datasheet HTML 4Page - STMicroelectronics TEA5170 Datasheet HTML 5Page - STMicroelectronics TEA5170 Datasheet HTML 6Page - STMicroelectronics TEA5170 Datasheet HTML 7Page - STMicroelectronics TEA5170 Datasheet HTML 8Page - STMicroelectronics TEA5170 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TEA5170
SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
September 1993
1
2
3
4
8
7
6
5
SOFT-START CAPACITOR
SUPPLY VOLTAGE
POWER OUTPUT
GROUND
OSCILLATOR RESISTOR
OSCILLATOR CAPACITOR
VOLTAGE ERROR AMPLIFIER OUTPUT
VOLTAGE ERROR AMPLIFIER
INVERTING INPUT
RT
CT
E
E
OUT
OUT
P
CC
V
CSF
GND
PIN CONNECTIONS
DIP8
(Plastic Package)
ORDER CODE : TEA5170
.
INTERNAL PWM SIGNAL GENERATOR
.
POWER SUPPLY WIDE RANGE 4.5V – 14.5V
.
SOFT START
.
REFERENCE VOLTAGE 2V
± 5%
.
WIDE FREQUENCY RANGE 250kHz
.
MINIMUM OUTPUT PULSE WIDTH 500nS
.
MAXIMUM PRESET DUTY CYCLE
.
SYNCHRONIZATION WINDOW
.
OUTPUT SWITCH
.
UNDERVOLTAGE LOCKOUT
.
FREQUENCY RANGE WITH SYNCHRONIZA-
TION 64kHz
DESCRIPTION
The TEA5170 is designed to work in the secondary
part of an off-line SMPS, sending pulses to the
slaved TEA2260/61 which are located on the pri-
mary side of the main transformer. An accurate
regulated voltage is obtained by duty cycle control.
The TEA5170 can be externally synchronized by
higher or lower frequency signal, then it could be
used in applications like TV set ones. For more
details, refer to application note AN408/0591.
1/9


Similar Part No. - TEA5170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5101A STMICROELECTRONICS-TEA5101A Datasheet
68Kb / 6P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
10-Jul-2013
TEA5101B STMICROELECTRONICS-TEA5101B Datasheet
61Kb / 6P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
10-Jul-2013
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
Nov-1988
TEA5114 STMICROELECTRONICS-TEA5114 Datasheet
48Kb / 4P
RGB SWITCHING CIRCUIT
May-1996
TEA5114A STMICROELECTRONICS-TEA5114A Datasheet
48Kb / 4P
RGB SWITCHING CIRCUIT
May-1996
More results

Similar Description - TEA5170

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
Integrated Circuit Switch Mode Power Supply Controller
logo
STMicroelectronics
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Dec-1992
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
STMicroelectronics
TEA2164S STMICROELECTRONICS-TEA2164S Datasheet
161Kb / 16P
SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Jan-1998
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com