Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST183CPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ST183CPBF
Description  Inverter Grade Thyristors (Hockey PUK Version), 370 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST183CPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  ST183CPBF Datasheet HTML 1Page - Vishay Siliconix ST183CPBF Datasheet HTML 2Page - Vishay Siliconix ST183CPBF Datasheet HTML 3Page - Vishay Siliconix ST183CPBF Datasheet HTML 4Page - Vishay Siliconix ST183CPBF Datasheet HTML 5Page - Vishay Siliconix ST183CPBF Datasheet HTML 6Page - Vishay Siliconix ST183CPBF Datasheet HTML 7Page - Vishay Siliconix ST183CPBF Datasheet HTML 8Page - Vishay Siliconix ST183CPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94368
2
Revision: 30-Apr-08
ST183CPbF Series
Vishay High Power Products
Inverter Grade Thyristors
(Hockey PUK Version), 370 A
CURRENT CARRYING CAPABILITY
FREQUENCY
UNITS
50 Hz
770
660
1220
1160
5450
4960
A
400 Hz
730
600
1270
1090
2760
2420
1000 Hz
600
490
1210
1040
1600
1370
2500 Hz
350
270
860
730
800
680
Recovery voltage Vr
50
50
50
V
Voltage before turn-on Vd
VDRM
VDRM
VDRM
Rise of on-state current dI/dt
50
-
-
A/µs
Heatsink temperature
40
55
40
55
40
55
°C
Equivalent values for RC circuit
47/0.22
47/0.22
47/0.22
Ω/µF
180° el
I
TM
180° el
I
TM
100 µs
I
TM
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at heatsink temperature
IT(AV)
180° conduction, half sine wave
double side (single side) cooled
370 (130)
A
55 (85)
°C
Maximum RMS on-state current
IT(RMS)
DC at 25 °C heatsink temperature double side cooled
690
A
Maximum peak, one half cycle,
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
4900
t = 8.3 ms
5130
t = 10 ms
100 % VRRM
reapplied
4120
t = 8.3 ms
4310
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
120
kA2s
t = 8.3 ms
110
t = 10 ms
100 % VRRM
reapplied
85
t = 8.3 ms
78
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
1200
kA2
√s
Maximum peak on-state voltage
VTM
ITM = 600 A, TJ = TJ maximum,
tp = 10 ms sine wave pulse
1.80
V
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
1.40
High level value of threshold voltage
VT(TO)2
(I >
π x I
T(AV)), TJ = TJ maximum
1.45
Low level value of forward slope resistance
rt1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
0.67
m
Ω
High level value of forward slope resistance
rt2
(I >
π x I
T(AV)), TJ = TJ maximum
0.58
Maximum holding current
IH
TJ = 25 °C, IT > 30 A
600
mA
Typical latching current
IL
TJ = 25 °C, VA = 12 V, Ra = 6 Ω, IG = 1 A
1000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com