Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6415C Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA6415C
Description  BUS-CONTROLLED VIDEO MATRIX SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6415C Datasheet(HTML) 3 Page - STMicroelectronics

  TEA6415C Datasheet HTML 1Page - STMicroelectronics TEA6415C Datasheet HTML 2Page - STMicroelectronics TEA6415C Datasheet HTML 3Page - STMicroelectronics TEA6415C Datasheet HTML 4Page - STMicroelectronics TEA6415C Datasheet HTML 5Page - STMicroelectronics TEA6415C Datasheet HTML 6Page - STMicroelectronics TEA6415C Datasheet HTML 7Page - STMicroelectronics TEA6415C Datasheet HTML 8Page - STMicroelectronics TEA6415C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (Pin 9)
12
V
TA
Operating Ambient Temperature
0, +70
oC
Tstg
Storage Temperature
- 20, +150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction-Ambient Thermal Resistance
DIP20
SO20
80
100
oC/W
oC/W
ELECTRICAL CHARACTERISTICS
TA =25
oC, VCC = 10V , RLOAD = 10kΩ ,CLOAD = 3pF (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage (Pin 9)
8
10
11
V
ICC
Power Supply Current (without load on outputs ; VCC =10V)
20
30
40
mA
INPUTS
Signal Amplitude (CVBS signal)
2
VPP
Input Current (per output connected, input voltage = 5VDC)
(this current is X6 when all outputs are connected on the input)
13
µA
DC Level
3.3
3.6
3.9
V
DC Level Shift (temperature from 0 to 70
oC)
5
100
mV
OUTPUTS (VIN =1VPP for all dynamic tests) Pins 13 - 14 - 15 - 16 - 17 - 18
Dynamic
4.5
5.5
VPP
Output Impedance
25
50
Ω
Gain
6
6.5
7
dB
Bandwidth
-1dB attenuation
-3dB attenuation
715
20
MHz
MHz
Crosstalk
f = 5MHz
f = 3.58MHz
-55
-60
-45
-50
dB
dB
DC level
2.4
2.75
3.1
V
TEA6415C
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com