Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6420D Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA6420D
Description  BUS-CONTROLLED AUDIO MATRIX SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6420D Datasheet(HTML) 4 Page - STMicroelectronics

  TEA6420D Datasheet HTML 1Page - STMicroelectronics TEA6420D Datasheet HTML 2Page - STMicroelectronics TEA6420D Datasheet HTML 3Page - STMicroelectronics TEA6420D Datasheet HTML 4Page - STMicroelectronics TEA6420D Datasheet HTML 5Page - STMicroelectronics TEA6420D Datasheet HTML 6Page - STMicroelectronics TEA6420D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TEA6420
4/7
SOFTWARE SPECIFICATION
1. Chip address
2. Data bytes
X = don’t care - MSB is transmitted first
Example : X1001100 connects output 3 with input 5 at a gain of 4dB
The following are selected after power-on reset : input 5 selected for all outputs ; gain = 0dB.
Address
HEX
ADDR
1001 1000
98
0
1001 1010
9A
1
Output select
X0
0
1
1
0
1
0
1
G1
G0
I2
I1
I0
Output 1
Output 2
Output 3
Output 4
Input select
XQ1
Q0
G1
G0
0
0
0
0
1
1
0
0
1
1
0
0
0
1
0
1
0
1
Input 1
Input 2
Input 3
Input 4
Input 5
Mute
Gain select
XQ1
Q0
0
0
1
1
0
1
0
1
I2
I1
I0
Gain = 6 dB
Gain = 4 dB
Gain = 2 dB
Gain = 0 dB
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com