Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST333SP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST333SP
Description  Inverter Grade Thyristors (Stud Version), 330 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST333SP Datasheet(HTML) 5 Page - Vishay Siliconix

  ST333SP Datasheet HTML 1Page - Vishay Siliconix ST333SP Datasheet HTML 2Page - Vishay Siliconix ST333SP Datasheet HTML 3Page - Vishay Siliconix ST333SP Datasheet HTML 4Page - Vishay Siliconix ST333SP Datasheet HTML 5Page - Vishay Siliconix ST333SP Datasheet HTML 6Page - Vishay Siliconix ST333SP Datasheet HTML 7Page - Vishay Siliconix ST333SP Datasheet HTML 8Page - Vishay Siliconix ST333SP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94377
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 30-Apr-08
5
ST333SP Series
Inverter Grade Thyristors
(Stud Version), 330 A
Vishay High Power Products
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitve Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.0
3
K/
W
0.0
6
K/
W
0.1
2
K/W
0.2
K/W
0.3
K/W
0.5 K/W
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
DC
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Period
Average On-state Current (A)
ST333SSeries
T = 125°C
J
4000
5000
6000
7000
8000
9000
10000
110
100
Number Of Eq ua l Amp litud e Ha lf Cyc le Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST333SSeries
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
4000
5000
6000
7000
8000
9000
10000
11000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Of Conduc tion May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
RRM
J
ST333SSeries
Maximum Non Repetitive Surge Current
Rated V
Reapplied
100
1000
10000
0
1
23
45
67
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST333SSeries
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.10 K/ W
(DC Operation)
thJC
ST333SSeries



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com