Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6430 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA6430
Description  AUDIO CELLULAR MATRIX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6430 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA6430 Datasheet HTML 1Page - STMicroelectronics TEA6430 Datasheet HTML 2Page - STMicroelectronics TEA6430 Datasheet HTML 3Page - STMicroelectronics TEA6430 Datasheet HTML 4Page - STMicroelectronics TEA6430 Datasheet HTML 5Page - STMicroelectronics TEA6430 Datasheet HTML 6Page - STMicroelectronics TEA6430 Datasheet HTML 7Page - STMicroelectronics TEA6430 Datasheet HTML 8Page - STMicroelectronics TEA6430 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TEA6430
AUDIO CELLULAR MATRIX
May 1996
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
24
23
22
21
11
12
GND
REF
L1 IN
L2 IN
L3 IN
L4 IN
L5 IN
L1 OUT
R1 OUT
L2 OUT
R2 OUT
VCC
SDA
SCL
SUB
R1 IN
R2 IN
R3 IN
R4 IN
R5 IN
R4 OUT
L4 OUT
R3 OUT
L3 OUT
PIN CONNECTIONS
SHRINK 24
(Plastic Package)
ORDER CODE : TEA6430
.
5 STEREO INPUTS - 4 STEREO OUTPUTS
.
3-STATE OPERATION FOR EACH OUTPUT
.
GAIN OUTPUT CONTROL
0dB/2/4/6dB/MUTE FOR EACH
.
VERY LOW NOISE AND DISTORTION
.
I
2C BUS CONTROL
.
4 SUB-ADDRESS FACILITY
.
90dB CROSSTALK BETWEEN ANY INPUT
AND OUTPUT
DESCRIPTION
The TEA6430 switches 5 stereo inputs on 4 stereo
outputs, providing the customer with high quality
sound (low noise, low distortion). The 4 stereo
outputs can be set separately in high impedance
state, to enable parallel connection of several de-
vices (up to 4). All functions are controlled through
the I
2C bus.
1/10


Similar Part No. - TEA6430

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6414A STMICROELECTRONICS-TEA6414A Datasheet
304Kb / 9P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Aug-1992
TEA6415C STMICROELECTRONICS-TEA6415C Datasheet
95Kb / 10P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Jan-1996
TEA6415CD STMICROELECTRONICS-TEA6415CD Datasheet
95Kb / 10P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Jan-1996
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6420 STMICROELECTRONICS-TEA6420 Datasheet
156Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
More results

Similar Description - TEA6430

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
TEA6422 STMICROELECTRONICS-TEA6422 Datasheet
168Kb / 10P
BUS-CONTROLLED AUDIO MATRIX
Sep-2003
TEA6425 STMICROELECTRONICS-TEA6425 Datasheet
152Kb / 9P
VIDEO CELLULAR MATRIX
May-1996
logo
List of Unclassifed Man...
BH7823AFVM ETC-BH7823AFVM Datasheet
52Kb / 2P
Audio driver for cellular phones
logo
Rohm
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
Audio Management for cellular phone
BU7843AGU ROHM-BU7843AGU Datasheet
405Kb / 6P
Audio Interface for Cellular Phone
BU7861KN ROHM-BU7861KN Datasheet
401Kb / 6P
Audio LSI for Cellular Phone
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
CELLULAR TELEPHONE AUDIO PROCESSOR
logo
STMicroelectronics
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
Audio/video switch matrix
26-Jun-2008
TEA6425 STMICROELECTRONICS-TEA6425_03 Datasheet
164Kb / 10P
VIDEO CELLULAR MATRIX
Sep-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com