Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPR221Z Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VPR221Z
Description  Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR221Z Datasheet(HTML) 1 Page - Vishay Siliconix

  VPR221Z Datasheet HTML 1Page - Vishay Siliconix VPR221Z Datasheet HTML 2Page - Vishay Siliconix VPR221Z Datasheet HTML 3Page - Vishay Siliconix VPR221Z Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63116
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 16-Jul-07
1
VPR221Z (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Power Resistor in
TO-220 Configuration with TCR of ± 0.05 ppm/°C,
PCR of 4 ppm/W and Load Life Stability of ± 0.005 % (50 ppm)
Any value at any tolerance available within resistance range
INTRODUCTION
The Z-Foil Technology provides a significant reduction of the
resistive component’s sensitivity to ambient temperature
variations (TCR) and applied power changes (PCR).
VPR221Z provides high rated power, excellent load life
stability , low Temperature Coefficient (TCR) and low Power
Coefficient (PCR) - all in one resistor. ± 0.05 ppm/°C
Absolute TCR removes error due to temperature gradients.
By taking advantage of the overall stability and reliability of
Vishay
Bulk
Metal®
Z-Foil
resistors,
designers
can
significantly reduce circuit errors and greatly improve overall
circuit performances.
Model VPR221Z is a 4 lead kelvin connected device.
Our Application Engineering Department is available to
advise and make recommendations. For non-standard
technical requirements and special applications, please
contact us.
Notes
1. MIL-Range (- 55 °C to + 125 °C, + 25 °C Ref.)
•
Contact Applications Engineering for other available values
FEATURES
• Temperature Coefficient of Resistance (TCR):
± 0.05 ppm/°C typical (0 °C to + 60 °C)
± 0.2 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C Ref.) (see table 1)
• Tolerance: to ± 0.01 %
• Power Coefficient “ΔR due to self heating”
4 ppm/W typical
• Rated Power: 8 W chassis mounted (MIL-PRF-39009)
• Load Life Stability: to ± 0.005 % at 25 °C for 2000 hours,
at 1.5 W
• Resistance Range: 0.5 Ω to 500 Ω
• Electrostatic Discharge (ESD) above 25 000 V
• Short Time Overload ≤ 0.001 % (10 ppm)
• Non Inductive, Non Capacitive Design
• Rise Time: 1 ns without ringing
• Current Noise < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage Coefficient < 0.1 ppm/V
• Non Inductive: < 0.08 µH
• Non Hot Spot Design
• Terminal Finishes available: Lead (Pb)-free
Tin/Lead Alloy
• Any value available within resistance range (e.g. 1K234)
• For better performances please contact us
APPLICATIONS
• Automatic Test Equipment (ATE)
• High Precision Instrumentation
• Electron Beam application
• Current Sensing applications
• Pulse applications
• Military
• Power amplifier
• Power supplies
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - TCR AND TOLERANCE
RESISTANCE
RANGE (
Ω)
TIGHTEST
RESISTANCE
TOLERANCE
TYPICAL TCR AND
MAX. SPREAD1)
0.5 to < 1
± 0.05 %
± 0.2 ppm/°C ± 2.8 ppm/°C
1 to < 10
± 0.02 %
± 0.2 ppm/°C ± 2.3 ppm/°C
10 to 500
± 0.01 %
± 0.2 ppm/°C ± 1.8 ppm/°C
FIGURE 1- POWER DERATING CURVE
Available
Pb-free
RoHS*
COMPLIANT
I
1
E
1
E
2
I
2
R
V
I
I
Ambient Temperature (°C)
100
75
50
25
0
- 75
150
- 25
25
75
125
- 50
0
50
100
- 55 °C


Similar Part No. - VPR221Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR221Z VISHAY-VPR221Z Datasheet
374Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, PCR of 4 ppm/W and Load Life Stability of ± 0.005 % (50 ppm)
25-Mar-10
VPR221Z VISHAY-VPR221Z_V01 Datasheet
374Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, PCR of 4 ppm/W and Load Life Stability of ± 0.005 % (50 ppm)
25-Mar-10
More results

Similar Description - VPR221Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VPR220S VISHAY-VPR220S_08 Datasheet
133Kb / 5P
Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
29-Feb-08
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
06-Aug-07
VPR220Z VISHAY-VPR220Z Datasheet
100Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
22-Sep-08
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
11-Jun-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
03-Nov-08
VFCP VISHAY-VFCP Datasheet
130Kb / 5P
Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
28-Jun-07
VFCP VISHAY-VFCP_V01 Datasheet
231Kb / 5P
Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com