Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7540 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA7540
Description  HANDSFREE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7540 Datasheet(HTML) 3 Page - STMicroelectronics

  TEA7540 Datasheet HTML 1Page - STMicroelectronics TEA7540 Datasheet HTML 2Page - STMicroelectronics TEA7540 Datasheet HTML 3Page - STMicroelectronics TEA7540 Datasheet HTML 4Page - STMicroelectronics TEA7540 Datasheet HTML 5Page - STMicroelectronics TEA7540 Datasheet HTML 6Page - STMicroelectronics TEA7540 Datasheet HTML 7Page - STMicroelectronics TEA7540 Datasheet HTML 8Page - STMicroelectronics TEA7540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FUNCTIONAL DESCRIPTION
SWITCHED ATTENUATORS
Fig.A represents a block diagram of a handsfree
subset with attenuators in signal mode. To pre-
vent the system from howling, the total loop gain,
including acoustic feedback through the housing
and sidetone coupling, must be less than 0dB.
For this purpose, two switched attenuators are in-
serted in each mode (emission and reception).
The attenuation is shifted from one mode to the
other, resulting from the speech level comparison
between each way.
To prevent the circuit to switch continuously in
one way, the operation of the IC must be fully
symetrical in both ways. This involves signal com-
parison, attenuation value.
GAIN COMPRESSOR
In TEA7540, two signal compressors are inserted
in each mode before the signal comparison, so
the signal coming from each end has the same
level (100mV peak), the losses in each way (for
instance losses resulting from the line length in
receiving mode) are compensated and the signal
comparison is fully symetrical. The time constant
of each signal compressor decreases 80 times
more quickly than it increases to prevent from
noise increasing between words. The compress-
ing depth is 38dB.
BACKGROUND NOISE DISCRIMINATION
An additional feature provided in TEA7540 is
background noise level discrimination in each
way. The IC stores the background sound level
with a long time constant (3 to 5 seconds depend-
ing on an external RC) and compares it with the
incoming signal in order to distinguish a useful
signal (speech) from the background noise. This
background noise memorization is also used to
compensate the noise in each mode before signal
comparison: the noise level in each mode is sub-
N
°
Name
Function
1
GND
Ground
2
CS
Chip Select
3
OUTE
Transmit Attenuator Output
4
ATTE
Transmit Attenuator Input
5
HYST1
Transmit Channel Hysteresis
6
HYST2
Receive Channel Hysteresis
7
TIM
RC Timer
8
CCE
Time Constant of the Transmit Signal Compressor
9
CE3
Transmit Background Noise Memorization Output
10
CE2
Transmit Peak Detector Output
11
CE1
Transmit Rectifier Input
12
MICOUT
Transmit Signal Compressor Output
13
INE
Transmit Signal Compressor Input
14
Vref
V+/2 - Reference Voltage
15
INR
Receive Signal Compressor Input
16
RECOUT
Receive Signal Compressor Output
17
CR1
Receive Rectifier Input
18
CR2
Receive Peak Detector Output
19
CR3
Receive Background Noise Memorization Output
20
CCR
Time Constant of the Receive Signal Compressor
21
AMP IN
Handset Preamplifier Input
22
AMP SUP
Handset Preamplifier Power Supply
23
VOL
Volume Control
24
ATR
Attenuation Value
25
ATTR
Receive Attenuator Input
26
OUTR
Receive Attenuator Output
27
Iref
Reference Current Source
28
V+
PIN FUNCTION
TEA7540
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com