Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS81 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS81
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS81 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS81_08 Datasheet HTML 1Page - Vishay Siliconix BAS81_08 Datasheet HTML 2Page - Vishay Siliconix BAS81_08 Datasheet HTML 3Page - Vishay Siliconix BAS81_08 Datasheet HTML 4Page - Vishay Siliconix BAS81_08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85509
Rev. 1.7, 15-Mar-06
BAS81 / 82 / 83
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Junction to ambient air
on PC board 50 mm x 50 mm x 1.6 mm
RthJA
320
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 0.1 mA
VF
330
mV
IF = 1 mA
VF
410
mV
IF = 15 mA
VF
1000
mV
Reverse current
VR = VRmax
IR
200
nA
Diode capacitance
VR = 1 V, f = 1 MHz
CD
1.6
pF
Figure 1. Max. Reverse Power Dissipation vs. Junction
Temperature
0
2
4
6
8
10
12
14
25
50
75
100
125
150
Tj -Junction Temperature (°C)
15794
VR =60 V
R
= 540 K/W
thJA
PR
VR
- Limit at 100 %
PR
VR
- Limit at 80 %
PR
VR
- Limit at 100 %
Figure 2. Reverse Current vs. Junction Temperature
0.1
100
1000
25
50
75
100
125
150
1
10
15795
VR = VRRM
Tj -Junction Temperature (°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com