Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ5-HT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TJ5-HT
Description  Toroid, High Current, High Temperature
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ5-HT Datasheet(HTML) 2 Page - Vishay Siliconix

  TJ5-HT Datasheet HTML 1Page - Vishay Siliconix TJ5-HT Datasheet HTML 2Page - Vishay Siliconix TJ5-HT Datasheet HTML 3Page - Vishay Siliconix TJ5-HT Datasheet HTML 4Page - Vishay Siliconix TJ5-HT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34232
36
Revision: 05-Dec-07
TJ5-HT
Vishay Dale
Toroid, High Current, High Temperature
GLOBAL PART NUMBER
MODEL
MOUNTING/COATING
CODE
INDUCTANCE
VALUE
PACKAGE
CODE
INDUCTANCE
TOLERANCE
T
J
5
1
U
E
B
100
T
SERIES
H
M
DESCRIPTION
1U
MOUNTING/COATING
CODE
10 µH
INDUCTANCE
VALUE
± 20 %
INDUCTANCE
TOLERANCE
TJ5-HT
MODEL
e2
JEDEC LEAD (Pb)-FREE
STANDARD
EB
PACKAGE
CODE
PERFORMANCE GRAPHS: INDUCTANCE VS DC CURRENT AND DC CURRENT VS TEMPERATURE
HORIZONTAL MOUNTED
VERTICAL MOUNTED
TJ52UEBR47MHT (TJ-5-HT 2U 0.47 µH ± 20 % EB e2)
0.00
0.20
0.40
0.60
0.80
1.00
50
0
5
10
15
20
25
30
35
40
DC Current (Amps)
0
10
20
30
40
50
45
TJ51UEBR47MHT (TJ-5-HT 1U 0.47 µH ± 20 % EB e2)
0.00
0.20
0.40
0.60
0.80
1.00
50
0
5
10
15
20
25
30
35
40
DC Current (Amps)
0
10
20
30
40
50
45
TJ52UEB1R2MHT (TJ-5-HT 2U 1.2 µH ± 20 % EB e2)
0.00
0.50
1.00
1.50
2.00
2.50
35
0
5
10
15
20
25
30
DC Current (Amps)
0
10
20
30
40
50
TJ51UEB1R2MHT (TJ-5-HT 1U 1.2 µH ± 20 % EB e2)
0.00
0.50
1.00
1.50
2.00
2.50
35
0
5
10
15
20
25
30
DC Current (Amps)
0
10
20
30
40
50
TJ52UEB2R2MHT (TJ-5-HT 2U 2.2 µH ± 20 % EB e2)
0.00
1.00
2.00
3.00
4.00
5.00
25
0
5
10
15
20
DC Current (Amps)
0
10
20
30
40
50
TJ51UEB2R2MHT (TJ-5-HT 1U 2.2 µH ± 20 % EB e2)
0.00
1.00
2.00
3.00
4.00
5.00
25
0
5
10
15
20
DC Current (Amps)
0
10
20
30
40
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com