Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP3216PCC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TIP3216PCC
Description  Infrared Touch Panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP3216PCC Datasheet(HTML) 2 Page - Vishay Siliconix

  TIP3216PCC Datasheet HTML 1Page - Vishay Siliconix TIP3216PCC Datasheet HTML 2Page - Vishay Siliconix TIP3216PCC Datasheet HTML 3Page - Vishay Siliconix TIP3216PCC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
3
TIP
Vishay Dale
Document Number: 37025
Revision 05-Dec-00
PIN DESCRIPTION
J1 DATA CONNECTOR
PIN
1
3
5
7
9
SIGNAL
RD (to touch panel)
+ 12 (optional)
CTS
RTS
Ground
PIN
2
4
6
8
10
SIGNAL
Ground
+ 12 (optional)
Reserved
Reserved
TD (from touch panel)
MATING CONNECTORS
OTHER
AMP 746288-1
MOLEX 22-01-3027 housing, 08-50-0114 terminals
MOLEX 22-01-3037 housing , 08-50-0114 terminals
DALE
280105-02
280108-07
280108-06
J1
J5, J6
J4
SIGNAL
+ 12 VDC
GND
J5, J6 POWER CONNECTOR
PIN
1
2
J4 AUDIO FEED BACK CONNECTOR
PIN
1
2
3
SIGNAL
GND
Beeper Signal (active low)
+ 5 VDC
GENERAL DESCRIPTION
Each Vishay Dale
® touch panel has infrared LED emitters and
detectors along the X— and Y— axis, forming a grid of
infrared light beams across the face of the display. The first
two numbers of the TIP "matrix" number specify the number of
vertical beams and the last two numbers specify the number
of horizontal beams. The controller scans the emitter/detector
pairs one at a time and determines whether both X and Y beams
are blocked, indicating that a finger or stylus is present. (When
beams are blocked on only one axis, they are ignored and not
reported to the host.) The controller determines the
coordinates of the touch point and reports them to the host
computer. By interpolating a "virtual" beam between two
physical beams, the number of touch points on each axis is
effectively doubled. When an odd number of beams along
either axis is blocked, the coordinate of the center physical
beam is reported. When an even number of beams is blocked,
the coordinate of the virtual beam in the center of the blocked
beams is calculated and reported. The touch controller
supports ENTER, EXIT, CONTINUOUS and TRACKING
report modes or combinations of these modes. The controller
also has a beeper output. Hardware handshaking, software
handshaking, baud rates and auto-baud features are jumper
selected. The user initializes the desired report modes and
requests reports when needed.
Several optical filters are standard to provide the most cost
effective filter for each application. "Non-standard" filters may
be specified as well. The filter increases the contrast ratio of
the display and protects the display face and electronics.
Vishay Dale
® can assist in recommending the optimum filter
based on years of experience as a display manufacturer. The
perimeter of the filter is bonded to the bezel and a bezel to
front panel gasket is includedto provide a splash proof seal.
COMMAND SET (A bridged)
11H
13H
20H
21H
22H
23H
24H
25H
26H
27H
28H
29H
2AH
2BH
2CH
2EH
2FxxH
34H
DC1, Ctl Q, XON Software handshaking
DC3, Ctl S, XOFF, Software handshaking
Enable EXIT point mode
Disable EXIT point mode (default)
Enable ENTER point mode
Disable ENTER point mode (default)
Enable CONTINUOUS mode/disable TRACKING
Disable CONTINUOUS mode (default) and TRACKING
Enable touch panel
Disable touch panel (default)
Request Failed beam report
Enable automatic report transfer
Disable automatic report transfer (default)
Request one coordinate report
Reset touch panel
Disable beeper (default)
Sound beep, xx = duration (00H to FFH)
Enable TRACKING mode/disable CONTINUOUS
DIMENSIONS in inches [millimeters]
Touch Frame
VIEWING
AREA
7.9 x 4.1
[200.66 x 104.14]
8.0 x 5.2
[203.20 x 132.08]
7.8 x 5.9
[198.12 x 149.86]
8.6 x 6.4
[218.44 x 162.56]
D
5.67
[144.02]
6.950
[176.53]
7.086
[179.98]
7.532
[191.31]
B
9.608
[244.04]
9.748
[247.60]
9.680
[246.0]
10.404
[264.26]
C
4.86
[123.44]
6.238
[158.45]
6.687
[169.85]
7.311
[185.70]
MODEL
3216
3220
3224
3526
B
A
D
C
VIEWING AREA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com