| Electronic Components Datasheet Search |
|
RMB Datasheet(PDF) 1 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
RMB Datasheet(HTML) 1 Page - Vishay Siliconix |
|
1 / 2 page ![]() RMB, RMBS www.vishay.com Vishay Sfernice Revision: 23-Sep-13 1 Document Number: 50010 For technical questions, contact: sferfixedresistors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Molded Precision Wirewound Resistors Axial Leads FEATURES • 0.75 W to 3 W at 25 °C •NF C 83-210 • CECC 40201-005 • Low temperature coefficient ± 50 ppm/°C • Low ohmic values 15 m available • Excellent behavior against humidity • Electrical insulation • Mechanical strength • Accurate sizes • Termination = Sn/Ag/Cu or pure matte tin according to the ohmic value • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 High stability and low temperature coefficient are the main features of the precision wirewound resistors type RMB RMBS models just as maintenance parts. Their performances can be compared with those of the best film resistors but they have in addition a greater power rating. RMBS styles meet the more severe requirements of NF C 83-210 (all RMBS styles are approved) and characteristic U of MIL-R-26 E (approximate size of RW 70 and 79 resistors) specifications. The two models RMB and RMBS have a similar construction. RMBS are submitted, in addition to a process which further increases the stability. On request, non-inductive resistors are available under the reference RMB NI. Note • Undergoes European Quality Insurance System (CECC) DIMENSIONS in millimeters SERIES AND STYLE A max. Ø B max. E ± 0.1 WEIGHT g RMB0.75 RMBS0.5 7 2.5 0.6 0.3 RMB1.5 RMBS1 10.2 4 0.6 0.7 RMB3 RMBS2 16.2 6.4 0.8 1.5 STANDARD ELECTRICAL SPECIFICATIONS MODEL SIZE RESISTANCE RANGE RATED POWER P25 °C W LIMITING ELEMENT VOLTAGE V TOLERANCE ± % RMB0.75 075 0.1 to 2K 0.75 n/a 0.1, 0.5, 1, 2, 5 RMB1.5 105 0.1 to 6.81K 1.5 120 0.1, 0.5, 1, 2, 5 RMB3 300 0.051 to 13K 3 200 0.1, 0.5, 1, 2, 5 RMBS0.5 05 0.1 to 2K 0.5 n/a 0.1, 0.5, 1, 2, 5 RMBS1 10 0.1 to 6.81K 1 120 0.1, 0.5, 1, 2, 5 RMBS2 20 0.015 to 13K 2 200 0.1, 0.5, 1, 2, 5 25 min. 25 min. A Ø B Ø E |
Similar Part No. - RMB |
|
Similar Description - RMB |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |