Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTSR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VTSR
Description  Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VTSR Datasheet(HTML) 3 Page - Vishay Siliconix

  VTSR Datasheet HTML 1Page - Vishay Siliconix VTSR Datasheet HTML 2Page - Vishay Siliconix VTSR Datasheet HTML 3Page - Vishay Siliconix VTSR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VTSR, VSSR, VSOR
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Vishay Thin Film
Document Number: 60003
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 14-Nov-08
23
DERATING CURVE
MECHANICAL SPECIFICATIONS
Resistive Element
Tantalum nitride
Substrate Material
Silicon
Body
Molded epoxy
Terminals
Copper alloy
Plating
100 % Sn Matte
Lead Coplanarity
0.0005"
Marking Resistance to Solvents
Permanency testing per MIL-STD-202, method 215
PACKAGING INFORMATION
MODEL
LEADS
TAPE AND REEL
TUBES
VTSR (TSSOP)
16
2500
94
20
2500
74
24
2500
62
VSSR (QSOP)
16
2500
98
20
2500
55
24
2500
55
VSOR (SOIC)
16
2500
48
Ambient Temperature °C
0
70
125
150
0
20
40
60
80
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: VTSR1601103JTF (preferred part number format)
GLOBAL MODEL
PIN COUNT
SCHEMATIC
RESISTANCE
(3, 4 or 6 digits)
TOLERANCE
PACKAGING
VTSR
VSSR
VSOR
Lead (Pb)-free (e3)
date code > 2705
20 (not VSOR)
24 (not VSOR)
01 (bussed)
03 (isolated)
XXX:
≥ 100R and all 1 %,
2 % and 5 %
First 2 digits are significant
figures. Last digit specifies
number of zeros to follow.
XXXX: < 100R 1 %
First 3 digits are significant
figures. Last digit specifies
number of zeros to follow.
F = 1.0 %
G = 2.0 %
J = 5.0 %
Tape and reel
TF = Full reel 2500
UF = Tubed
16 (not VTSR)
20 (not VSOR)
05 (terminator)
47 (terminator)
xxx xxx
First 2 digits are significant
figures. Last digit specifies
number of zeros.
G = 2.0 %
J = 5.0 %
Historical Part Number example: VSSR2001102GT/R (will continue to be accepted)
VSSR
20
01
102
G
T/R
MODEL
PIN COUNT
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
R
160
331
5
O
4
7
1
VS
G
TF
R
160
10
3
1
S
VT
J
TF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com