Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL74 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL74
Description  Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL74 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL74 Datasheet HTML 1Page - Vishay Siliconix IL74 Datasheet HTML 2Page - Vishay Siliconix IL74 Datasheet HTML 3Page - Vishay Siliconix IL74 Datasheet HTML 4Page - Vishay Siliconix IL74 Datasheet HTML 5Page - Vishay Siliconix IL74 Datasheet HTML 6Page - Vishay Siliconix IL74 Datasheet HTML 7Page - Vishay Siliconix IL74 Datasheet HTML 8Page - Vishay Siliconix IL74 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 83640
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 09-Jan-08
3
IL74/ILD74/ILQ74
Optocoupler, Phototransistor Output
(Single, Dual, Quad Channel)
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 3 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 4 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
DC current transfer ratio
IF = 16 mA, VCE = 5.0 V
CTRDC
12.5
35
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Switching times
RL = 100 Ω, VCE = 10 V, IC = 2.0 mA
ton, toff
3.0
µs
iil74_01
IF - Forward Current (mA)
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
T
amb = - 55 °C
T
amb = 25 °C
T
amb = 85 °C
iil74_02
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current (mA)
Normalized to:
VCE = 10 V,IF = 10 mA
TA = 25 °C
CTRce(sat) VCE = 0.4 V
iil74_03
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
I
F - LED Current (mA)
Normalized to:
VCE = 10 V,IF = 10 mA,TA = 25 °C
TA = 50 °C
CTRce(sat) VCE = 0.4 V
iil74_04
100
10
1
0.1
0.0
0.5
1.0
1.5
IF - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
VCE = 10 V,IF = 10 mA
TA = 25 °C
CTRce(sat) VCE = 0.4 V
TA = 70 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com