Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL358 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL358
Description  Linear Optocoupler for Optical DAA in Telecommunications, High Performance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL358 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL358 Datasheet HTML 1Page - Vishay Siliconix IL358 Datasheet HTML 2Page - Vishay Siliconix IL358 Datasheet HTML 3Page - Vishay Siliconix IL358 Datasheet HTML 4Page - Vishay Siliconix IL358 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83623
2
Rev. 1.1, 04-Jun-04
IL350/351/358/359
Vishay Semiconductors
Linear Optocoupler for Optical DAA in
Telecommunications,
High Performance
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
COUPLER
Isolation test voltage
t = 1.0 s
VISO
3000
VRMS
Total package power dissipation
Ptot
250
mW
Derate linearly from 25 °C
2.8
mW/°C
Storage temperature range
Tstg
- 40 to + 150
°C
Operating temperature
Tamb
75
°C
Lead soldering time at 260 °C
10
s
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.8
2.1
V
Reverse current
VR = 3.0 V
IR
0.01
10
µA
VF temperature coefficient
ΔV
F/Δ °C
- 2.2
mW/°C
Junction capacitance
VF = 0 V, f = 1.0 MHz
Cj
15
pF
Dynamic resistance
IF = 2.5 mA, ΔIF = 1.0 mA
ΔV
F/ΔIF
6.0
Ω
Switching time IL358/359
IF = 2.5 mA, ΔIF = 1.0 mA
tf
40
ns
tf
40
ns
OUTPUT
Junction capacitance
VF = 0 V, f = 1.0 MHz
Cj
12
pF
NEP
VDET = 0 V
< 4-14
W/
√Hz
COUPLER
Capacitance (input to output)
VF = 0 V, f = 1.0 MHz
CIO
1.0
pF
Common mode capacitance
VF = 0 V, f = 1.0 MHz
CCM
0.5
pF
SWITCHING CHARACTERISTICS - AC CHARACTERISTICS PHOTOVOLTAIC MODE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Frequency response
IP1 = 25 µA, modulation current
ΔI
P = ± 6.0 µA
IL358
BW (- 3 db)
1.0
MHz
IL359
BW (- 3 db)
1.0
MHz
Phase response
IP1 = 25 µA, modulation current
ΔI
P = ± 6.0 µA
45
°
Rise time
IP1 = 25 µA, modulation current
ΔI
P = ± 6.0 µA
350
ns
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com