Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL766B-2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL766B-2
Description  Optocoupler, Photodarlington Output, AC Input, Internal RBE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL766B-2 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL766B-2 Datasheet HTML 1Page - Vishay Siliconix IL766B-2 Datasheet HTML 2Page - Vishay Siliconix IL766B-2 Datasheet HTML 3Page - Vishay Siliconix IL766B-2 Datasheet HTML 4Page - Vishay Siliconix IL766B-2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 83644
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.4, 09-Nov-05
3
IL766B
Optocoupler, Photodarlington Output, AC
Input, Internal RBE
Vishay Semiconductors
PACKAGE DIMENSIONS in inches (millimeters)
i178004
0.010 (0.25)
typ.
0.114 (2.90)
0.130 (3.0)
0.130 (3.30)
0.150 (3.81)
0.031 (0.80) min.
0.300 (7.62)
typ.
0.031 (0.80)
0.035 (0.90)
0.100 (2.54) typ.
0.039
(1.00)
min.
0.018 (0.45)
0.022 (0.55)
0.048
0.022 (0.55)
0.248 (6.30)
0.256 (6.50)
0.335 (8.50)
0.343 (8.70)
Pin one ID
6
5
4
1
2
3
18°
3°to 9°
0.300 to 0.347
(7.62 to 8.81)
4°
typ.
ISO Method A
(0.45)
.014 (0.35)
.010 (0.25)
.255 (6.5)
.248 (6.3)
.400 (10.16)
.430 (10.92)
.307 (7.8)
.291 (7.4)
.407 (10.36)
.391 (9.96)
20°
Option 6
18446



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com