Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ILQ2
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ2 Datasheet(HTML) 5 Page - Vishay Siliconix

  ILQ2 Datasheet HTML 1Page - Vishay Siliconix ILQ2 Datasheet HTML 2Page - Vishay Siliconix ILQ2 Datasheet HTML 3Page - Vishay Siliconix ILQ2 Datasheet HTML 4Page - Vishay Siliconix ILQ2 Datasheet HTML 5Page - Vishay Siliconix ILQ2 Datasheet HTML 6Page - Vishay Siliconix ILQ2 Datasheet HTML 7Page - Vishay Siliconix ILQ2 Datasheet HTML 8Page - Vishay Siliconix ILQ2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 83646
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 20-Dec-07
5
ILD1/ILD2/ILD5/ILQ1/ILQ2/ILQ5
Optocoupler, Phototransistor Output
(Dual, Quad Channel)
Vishay Semiconductors
SATURATED
Rise time
VCE = 0.4 V, RL = 1.0 kΩ, VCC = 5.0 V, VTH = 1.5 V
ILD1
tr
1.2
µs
ILQ1
tr
1.2
µs
ILD2
tr
2.0
µs
ILQ2
tr
2.0
µs
ILD5
tr
7.0
µs
ILQ5
tr
7.0
µs
Storage
VCE = 0.4 V, RL = 1.0 kΩ, VCC = 5.0 V, VTH = 1.5 V
ILD1
ts
7.4
µs
ILQ1
ts
7.4
µs
ILD2
ts
5.4
µs
ILQ2
ts
5.4
µs
ILD5
ts
4.6
µs
ILQ5
ts
4.6
µs
Fall time
VCE = 0.4 V, RL = 1.0 kΩ, VCC = 5.0 V, VTH = 1.5 V
ILD1
tf
7.6
µs
ILQ1
tf
7.6
µs
ILD2
tf
13.5
µs
ILQ2
tf
13.5
µs
ILD5
tf
20
µs
ILQ5
tf
20
µs
Propagation H to L
VCE = 0.4 V, RL = 1.0 kΩ, VCC = 5.0 V, VTH = 1.5 V
ILD1
tPHL
1.6
µs
ILQ1
tPHL
1.6
µs
ILD2
tPHL
5.4
µs
ILQ2
tPHL
5.4
µs
ILD5
tPHL
2.6
µs
ILQ5
tPHL
2.6
µs
Propagation L to H
VCE = 0.4 V, RL = 1.0 kΩ, VCC = 5.0 V, VTH = 1.5 V
ILD1
tPLH
8.6
µs
ILQ1
tPLH
8.6
µs
ILD2
tPLH
7.4
µs
ILQ2
tPLH
7.4
µs
ILD5
tPLH
7.2
µs
ILQ5
tPLH
7.2
µs
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode rejection,
output high
VCM = 50 VP-P, RL = 1.0 kΩ,
IF = 0 mA
CMH
5000
V/µs
Common mode rejection,
output low
VCM = 50 VP-P, RL = 1.0 kΩ,
IF = 10 mA
CML
5000
V/µs
Common mode coupling ca-
pacitance
CCM
0.01
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com