Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ECS
Description  Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ECS Datasheet(HTML) 1 Page - Vishay Siliconix

  ECS Datasheet HTML 1Page - Vishay Siliconix ECS Datasheet HTML 2Page - Vishay Siliconix ECS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 54008
28
Revision: 24-May-07
Series ECS
Vishay Sfernice
Precision Rotative Transducers,
Conductive Plastic, Economic Series (ECS)
FEATURES
• Size 09: (7/8") 22,2 mm
• Long life: 5 million cycles
• Bush or servo mounting types available
• Rear comolded terminals
• Cost effective solution for any industrial applications
Low cost industrial motion transducers, conductive plastic
track.
RoHS
COMPLIANT
SIZE
09
MODEL
78 RS
78 RB
78 PS
78 PB
ELECTRICAL SPECIFICATIONS
Theoretical Electrical Angle (TEA)
(AEA) - 3°
Independent Linearity (over TEA)
A
≤ ± 1 %, on request: B ≤ ± 0.5 % C ≤ ± 0.35 %
A
≤ ± 2 %
Actual Electrical Angle (AEA)
340° ± 5°
Ohmic Values (RT)
1 - 2 - 5 - 10 k
Ω (on request other values)
1 - 2 - 5 - 10 k
Ω
Ohmic Value Tolerances at 20 °C
Standard: ± 20 %/special: ± 10 %
± 20 %
Output Smoothness
0.1 %
Maximum Power Rating at 70 °C
0.3 W
Wiper Current
Recommended: a few µA - 1 mA max. (continuous)
Tap (Current or Voltage)
1: On request
NA
Resistance Load on Wiper
≥ 1000 x R
T
End Voltage
≤ 0.5 %DC
Insulation Resistance
≥ 1000 MΩ, 500 V
DC
Dielectric Strength
≥ 500 V
RMS, 50 Hz
MECHANICAL SPECIFICATIONS
Mechanical Angle (MA)
360° continuous
On Request: Stops
342° ± 5°
Mounting Type
Servo
Bushing
Servo
Bushing
Shaft Guiding
Sleeve bearings
Shaft
Stainless steel
Option: Flat or Screw Driver Slot On Shaft
On request
NA
Termination
Turrets
Wiper
Precious metal multi-finger contact
Starting Torque (N.cm)
≤ 0.5
Torque on Stops (N.cm)
≥ 20
Weight (g)
Bushing 17 g ± 3 g
Servo 12 g ± 3 g
PERFORMANCE
Life (106 Cycles)
5
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/125/04
Speed Rotation (RPM)
150
Sine Vibration on 3 Axes
15 g from 10 Hz to 2000 Hz
Mechanical Shocks on 3 Axes
50 g - 11 ms - half sine


Similar Part No. - ECS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
logo
Vishay Siliconix
ECS VISHAY-ECS Datasheet
136Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
logo
XP Power Limited
ECS XPPOWER-ECS Datasheet
1Mb / 4P
25-60 Watts ECS Series
27 July 2022
logo
ECS, Inc.
ECS-.327-12.5-11X ECS-ECS-.327-12.5-11X Datasheet
416Kb / 1P
SMD TUNING FORK CRYSTAL
ECS-.327-12.5-12-TR ECS-ECS-.327-12.5-12-TR Datasheet
608Kb / 2P
SMD TUNING FORK CRYSTAL
More results

Similar Description - ECS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
22-Mar-07
ROT156SF VISHAY-ROT156SF Datasheet
398Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Servo Mounting
22-Mar-07
ECO VISHAY-ECO Datasheet
566Kb / 4P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
07-Sep-07
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
ECS VISHAY-ECS_V01 Datasheet
136Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
ROTBF VISHAY-ROTBF Datasheet
354Kb / 4P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
26-Mar-15
ROTSF VISHAY-ROTSF Datasheet
303Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Servo Mounting
26-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com