Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL081 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TL081
Description  GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL081 Datasheet(HTML) 4 Page - STMicroelectronics

  TL081 Datasheet HTML 1Page - STMicroelectronics TL081 Datasheet HTML 2Page - STMicroelectronics TL081 Datasheet HTML 3Page - STMicroelectronics TL081 Datasheet HTML 4Page - STMicroelectronics TL081 Datasheet HTML 5Page - STMicroelectronics TL081 Datasheet HTML 6Page - STMicroelectronics TL081 Datasheet HTML 7Page - STMicroelectronics TL081 Datasheet HTML 8Page - STMicroelectronics TL081 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
30
20
25
15
10
5
0
100
1K
10K
100K
10M
1M
FREQUENCY (Hz)
S ee Figure 2
=2 k
R
L
=+ 25
°C
T am b
=
15V
V CC
=5V
VCC
=
10V
V CC
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE VERSUS FREQUENCY
30
20
25
15
10
5
0
100
1K
10K
100K
10M
1M
FREQUENC Y (Hz)
S e e Figure 2
=+25 C
Tamb
= 10k
R
L
VCC = 10V
VCC = 15V
V
CC =
5V
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE VERSUS FREQUENCY
30
25
20
15
10
5
0
FREQUENCY (Hz)
10k
40k
100k
400k
1M
4M
10M
Tamb =+25 C
Tamb =-55 C
Tamb =+125 C
R
L =2 kΩ
S ee Figure 2
V
CC
=15 V
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE VERSUS FREQUENCY
30
25
20
10
5
15
0
- 7 5
- 2 5
25
75
1 2 5
-5 0
0
5 0
-5 0
T E MP ER AT U R E (
° C)
V
CC
=
15V
Se e F i gu re 2
R
L = 10kΩ
R
L =2 kΩ
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE VERSUS FREE AIR TEMP.
30
25
20
15
10
5
0
0.1 0.2
0.4
0.7 1
2
4
7
10
Tamb =+25
°C
V CC = 15V
See Figure 2
LOAD RESISTANCE (k
)
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE VERSUS LOAD RESISTANCE
30
25
20
15
10
5
02
4
68
10
12
14
16
R
L =10 k
Tamb = +25°C
SUPPLY VOLTAGE ( V)
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE VERSUS SUPPLY VOLTAGE
TL081 - TL081A - TL081B
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com