Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC8101 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MOC8101
Description  Optocoupler, Phototransistor Output, No Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MOC8101 Datasheet(HTML) 2 Page - Vishay Siliconix

  MOC8101 Datasheet HTML 1Page - Vishay Siliconix MOC8101 Datasheet HTML 2Page - Vishay Siliconix MOC8101 Datasheet HTML 3Page - Vishay Siliconix MOC8101 Datasheet HTML 4Page - Vishay Siliconix MOC8101 Datasheet HTML 5Page - Vishay Siliconix MOC8101 Datasheet HTML 6Page - Vishay Siliconix MOC8101 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83660
2
Rev. 1.5, 11-Jan-08
MOC8101/MOC8102/MOC8103/MOC8104/MOC8105
Vishay Semiconductors
Optocoupler, Phototransistor Output,
No Base Connection
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
Forward continuous current
IF
60
mA
Surge forward current
t
≤ 10 µs
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25°C
1.33
mW/°C
OUTPUT
Collector emitter breakdown voltage
BVCEO
30
V
Emitter collector breakdown voltage
BVECO
7.0
V
Collector current
IC
50
mA
Derate linearly from 25°C
2.0
mW/°C
Power dissipation
Pdiss
150
mW
COUPLER
Isolation test voltage
VISO
5300
VRMS
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Isolation thickness between
emitter and detector
≥ 0.4
mm
Comparative tracking index per
DIN IEC 112/VDE 0303, part 1
CTI
175
Isolation resistance
VIO = 500 V
RIO
1012
Ω
Derate linearly from 25 °C
3.33
mW/°C
Total power dissipation
Ptot
250
mW
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature (2)
max. 10 s, dip soldering:
distance to seating plane
≥ 1.5 mm
Tsld
260
°C
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.25
1.5
V
Breakdown voltage
IR = 10 µA
VBR
6.0
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
25
pF
Thermal resistance
Rthja
750
K/W
OUTPUT
Collector emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
5.2
pF
Collector emitter dark current
VCE = 10 V, Tamp = 25 °C
MOC8101
ICEO1
1.0
50
nA
VCE = 10 V, Tamp = 100 °C
MOC8102
ICEO1
1.0
µA
Collector emitter breakdown voltage
IC = 1.0 mA
BVCEO
30
V
Emitter collector breakdown voltage
IE = 100 μABVECO
7.0
V
Thermal resistance
Rthja
500
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com