Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VVC4 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VVC4
Description  Voltage Controlled Crystal Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VVC4 Datasheet(HTML) 2 Page - Vectron International, Inc

  VVC4 Datasheet HTML 1Page - Vectron International, Inc VVC4 Datasheet HTML 2Page - Vectron International, Inc VVC4 Datasheet HTML 3Page - Vectron International, Inc VVC4 Datasheet HTML 4Page - Vectron International, Inc VVC4 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VVC4 Voltage Controlled Crystal Oscillator
Vectron International 267 Lowell Road, Hudson NH 03051
Tel:1-88-VECTRON-1
e-mail: vectron@vectron.com
Performance Characteristics
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
3.2500
77.7600
MHz
Supply Voltage
1
(+3.3 V)
(+5.0 V)
VDD
2.97
4.5
3.3
5.0
3.63
5.5
V
Supply Current
IDD
8
15
mA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
VOH
VOL
0.9*VDD
0.1VDD
V
V
Rise and Fall Time
2
<24 MHz
>24 MHz
tR / tF
10
6
ns
ns
Tristate
Output Enabled
Output Disabled
VIN
VIL
2.5
0.7
V
V
Symmetry or Duty Cycle
3
(ordering option)
SYM
40
50
60
%
Operating temperature (ordering option)
0/70 or –40/85
°C
Test Conditions for APR (+5V option)
VC
0.5
4.5
V
Test Conditions for APR (+3.3V option)
VC
0.3
3.0
V
Absolute Pull Range (ordering option)
APR
±50
±80
±100
ppm
Gain Transfer
Positive
ppm/V
Input Impedance
160
KOhm
Control Voltage Bandwidth (-3dB)
BW
10
kHz
Phase Noise
10 Hz Offset
100 Hz Offset
1 KHz Offset
10 KHz Offset
100 KHz Offset
1 MHz Offset
-65
-95
-125
-140
-145
-150
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Package Size
5.0 x 3.2 x 1.2
mm
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 1 defines these parameters. Figure 2 illustrates the equivalent five gate TTL load and operating conditions under which
these parameters are tested and specified.
3. Symmetry is defined as (ON TIME/PERIOD with Vs= 1.4 V for TTL and Vs=2.5 V for CMOS, 5 volt operation, and Vs=1.65V
for 3.3 Volt operation.
Figure 1. Output Waveform
Figure 2. Typical Output Test Conditions (25
±5°C)
80
%
Vs
20
%
t
F
t
R
Period
On Time
+
-
+
-
I
C
V
C
4
3
.1
µF
.01
µF
15pF
25
6
1
I
DD
650
Ω
V
DD
1.8k



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com