Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2309 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2309
Description  8-Channel, 12-Bit SAR ADC with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2309 Datasheet(HTML) 5 Page - Linear Technology

  LTC2309 Datasheet HTML 1Page - Linear Technology LTC2309 Datasheet HTML 2Page - Linear Technology LTC2309 Datasheet HTML 3Page - Linear Technology LTC2309 Datasheet HTML 4Page - Linear Technology LTC2309 Datasheet HTML 5Page - Linear Technology LTC2309 Datasheet HTML 6Page - Linear Technology LTC2309 Datasheet HTML 7Page - Linear Technology LTC2309 Datasheet HTML 8Page - Linear Technology LTC2309 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2309
5
2309f
I2C TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
SCL Clock Frequency
l
400
kHz
tHD(SDA)
Hold Time (Repeated) Start Condition
l
0.6
μs
tLOW
Low Period of the SCL Pin
l
1.3
μs
tHIGH
High Period of the SCL Pin
l
0.6
μs
tSU(STA)
Set-Up Time for a Repeated Start Condition
l
0.6
μs
tHD(DAT)
Data Hold Time
l
0
0.9
μs
tSU(DAT)
Data Set-Up Time
l
100
ns
tr
Rise Time for SDA/SCL Signals
(Note 12)
l
20 + 0.1CB
300
ns
tf
Fall Time for SDA/SCL Signals
(Note 12)
l
20 + 0.1CB
300
ns
tSU(STO)
Set-Up Time for Stop Condition
l
0.6
μs
tBUF
Bus Free Time Between a Stop and Start Condition
l
1.3
μs
ADC TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Throughput Rate (Successive Reads)
l
14
ksps
tCONV
Conversion Time
(Note 9)
l
1.3
1.8
μs
tACQ
Acquisition Time
(Note 9)
l
240
ns
tREFWAKE REFCOMP Wake-Up Time (Note 13)
CREFCOMP = 10μF, CREF = 2.2μF
200
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with AVDD and DVDD
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below ground or above VDD,
they will be clamped by internal diodes. These products can handle input
currents greater than 100mA below ground or above VDD without latchup.
Note 4: AVDD = 5V, DVDD = 5V, fSMPL = 14ksps internal reference unless
otherwise noted.
Note 5: Linearity, offset and full-scale specifications apply for a
single-ended analog input with respect to COM.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: Bipolar zero error is the offset voltage measured from –0.5LSB
when the output code flickers between 0000 0000 0000 and 1111 1111
1111. Unipolar zero error is the offset voltage measured from +0.5LSB
when the output code flickers between 0000 0000 0000 and 0000 0000
0001.
Note 8: Full-scale bipolar error is the worst-case of –FS or +FS untrimmed
deviation from ideal first and last code transitions and includes the effect
of offset error. Unipolar full-scale error is the deviation of the last code
transition from ideal and includes the effect of offset error.
Note 9: Guaranteed by design, not subject to test.
Note 10: All specifications in dB are referred to a full-scale ±2.048V input
with a 2.5V reference voltage.
Note 11: Full linear bandwidth is defined as the full-scale input frequency
at which the SINAD degrades to 60dB or 10 bits of accuracy.
Note 12: CB = capacitance of one bus line in pF (10pF ≤ CB ≤ 400pF).
Note 13: REFCOMP wake-up time is the time required for the REFCOMP
pin to settle within 0.5LSB at 12-bit resolution of its final value after
waking up from SLEEP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com