Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE5037 Datasheet(PDF) 21 Page - Intel Corporation

Part # CE5037
Description  Digital Satellite Tuner with RF Bypass
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE5037 Datasheet(HTML) 21 Page - Intel Corporation

Back Button CE5037 Datasheet HTML 17Page - Intel Corporation CE5037 Datasheet HTML 18Page - Intel Corporation CE5037 Datasheet HTML 19Page - Intel Corporation CE5037 Datasheet HTML 20Page - Intel Corporation CE5037 Datasheet HTML 21Page - Intel Corporation CE5037 Datasheet HTML 22Page - Intel Corporation CE5037 Datasheet HTML 23Page - Intel Corporation CE5037 Datasheet HTML 24Page - Intel Corporation CE5037 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
CE5037
Data Sheet
21
Intel Corporation
5.0
Absolute Maximum Ratings
6.0
Operating Conditions
Parameter
Min.
Max.
Units
Notes
Maximum voltage on any Vcc
pin
-0.3
3.6
V
Maximum voltage between
any two Vcc pins
0.3
V
Maximum voltage on any
other pin
-0.3
Vcc + 0.3
V
The voltage on any pin must
not exceed 3.6 V
Maximum voltage between
RFIN and RFIN
-1
1
V
P0 Output current
20
mA
Maximum RF Input
10
dBm
Storage temperature
-55
150
°C
Junction temperature
125
°C
Package thermal resistance
34
°C/W
Package ground paddle
soldered to ground
ESD Protection - all pins
except 10,12
1.75
kV
Mil std 883B method 3015
cat1
ESD Protection - pins 10,12
RFIN, RFIN
0.75
kV
Mil std 883B method 3015
cat1
Parameter
Min.
Max.
Units
Notes
Supply Voltage
3.15
3.45
V
Operating Temperature
-10
+85
°C
RF Input Frequency
950
2150
MHz
Baseband I/Q Output load
4.7
15
k
Ω
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com