Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PC200
Description  Plate Capacitors with Contoured Rim - Class 1 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PC200 Datasheet(HTML) 1 Page - Vishay Siliconix

  PC200 Datasheet HTML 1Page - Vishay Siliconix PC200 Datasheet HTML 2Page - Vishay Siliconix PC200 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Plate Capacitors with Contoured Rim - Class 1 Ceramic
www.vishay.com
For technical questions contact: powcap@vishay.com
Document Number: 22082
1
Revision: 20-Nov-01
P. 70, 100, 140, 200
Vishay Draloric
• Dimensions in millimeters (inches)
D
1
PD
3 Finger Terminals
W
1
Model PE 70 is not available
PC
PA
PE
H
30
± 1
(1.181
± 0.04)
85
(3.346)
D
W
2
W
1
D
1
P. 70
11 KVp to 14 KVp
P. 100
11 KVp to 15 KVp
P. 140
12 KVp to 15 KVp
P. 200
12 KVp to 15 KVp
L
1
L
6 Finger Terminals
Band Terminals
Band Terminals
& Ceramic Base
0.08)
±2
±
66
(2.598
MODEL
PA 70
PC 70
PD 70
PA 100
PC 100
PD 100
PE 100
PA 140
PC 140
PD 140
PE 140
PA 200
PC 200
PD 200
PE 200
D
70 (2.756)
100 (3.518)
140 (5.512)
200 (7.874)
D1
M6 thread
M8 thread
M8 thread
M10 thread
W1
35 ± 1 (1.378 ± 0.039)
40 ± 1 (1.575 ± 0.039)
40 ± 1 (1.575 ± 0.039)
45 ± 1 (1.772 ± 0.039)
W2
30 max. (1.181 max.)
30 max. (1.181 max.)
30 max. (1.181 max.)
32 max. (1.260 max.)
L1
100 (3.937)
140 (5.512)
140 (5.512)
200 (7.874)
L2
15 (0.591)
30 (1.181)
30 (1.181)
30 (1.181)
H
116 (4.567)
146 (5.748)
186 (7.323)
246 (9.685)
MATERIAL:
Capacitor elements made from Class 1 ceramic dielectric
with noble metal electrodes.
Connection terminals: Copper (PA, PC model),
Copper/ brass, silver plated (PD, PE model).
FINISH:
Noble metal electrodes completely lacquered. Contoured
rim glazed.
MARKING:
Type designator, Capacitance value and tolerance, Rated
voltage (peak value), Production date code, Ceramic
material code, DRALORIC Logo.
ORDERING INFORMATION
PE 100
13 KVp
1000 pF
± 20 %
R 85
MODEL
RATED VOLTAGE
CAPACITANCE VALUE
TOLERANCE
CERAMIC


Similar Part No. - PC200

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
PC200 CAMPBELL-PC200 Datasheet
577Kb / 2P
Datalogger Starter Software
02/21/2024
logo
FIBOX Enclosing innovat...
PC200/100XHG FIBOX-PC200/100XHG Datasheet
68Kb / 3P
Enclosure. PC
05.08.2022
PC200/175XHT FIBOX-PC200/175XHT Datasheet
457Kb / 3P
Enclosure. PC
05.08.2022
logo
Powerbox
PC2000 POWERBOX-PC2000 Datasheet
553Kb / 2P
1000-2000 WATTS DC/DC SINGLE
PC2000110-36 POWERBOX-PC2000110-36 Datasheet
553Kb / 2P
1000-2000 WATTS DC/DC SINGLE
More results

Similar Description - PC200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOF016010 VISHAY-TOF016010 Datasheet
127Kb / 3P
Barrel-Style Capacitors - Class 1 Ceramic
21-Nov-01
TOSZ114096 VISHAY-TOSZ114096 Datasheet
140Kb / 2P
Barrel-Style Capacitors - Class 1 Ceramic
21-Nov-01
PS20 VISHAY-PS20 Datasheet
89Kb / 3P
Plate Capacitors with Contoured Rim - Class 2 Ceramic
14-Aug-02
PS30 VISHAY-PS30 Datasheet
96Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
14-Aug-02
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
Ceramic Disc Capacitors, Class 1
31-Jan-06
FPS60 VISHAY-FPS60 Datasheet
115Kb / 2P
Plate Capacitors with Flat Rim - Class 1 Ceramic
14-Aug-02
FPS60 VISHAY-FPS60_15 Datasheet
247Kb / 3P
RF Power Plate Capacitors with Flat Rim, Class 1 Ceramic
14-Sep-15
FPZ140 VISHAY-FPZ140_13 Datasheet
82Kb / 3P
RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
01-Mar-13
PEF220 VISHAY-PEF220_16 Datasheet
104Kb / 7P
RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
29-Feb-16
P70 VISHAY-P70 Datasheet
103Kb / 5P
RF Power Plate Capacitors with Contoured Rim, Class 1 Ceramic
30-Jan-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com