Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K331M15X7RK5.L2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K331M15X7RK5.L2
Description  Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RK5.L2 Datasheet(HTML) 4 Page - Vishay Siliconix

  K331M15X7RK5.L2 Datasheet HTML 1Page - Vishay Siliconix K331M15X7RK5.L2 Datasheet HTML 2Page - Vishay Siliconix K331M15X7RK5.L2 Datasheet HTML 3Page - Vishay Siliconix K331M15X7RK5.L2 Datasheet HTML 4Page - Vishay Siliconix K331M15X7RK5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RK5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RK5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RK5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RK5.L2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Mono-Kap
Dipped Radial Multilayer Ceramic Capacitors
for 200 - 500 Vdc
Vishay
Document Number: 45171
If not in range chart or for technical questions please contact cmll@vishay.com
www.vishay.com
Revision: 18-Jan-06
68
MONO-KAP X7R - 200 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
LEAD SPACING
10 % TOLERANCE
20 % TOLERANCE
MM (INCH-REF)
13TH DIGIT
T = REEL; = AMMO; 3 = BULK
13TH DIGIT
T = REEL; U = AMMO; 3 = BULK
100
200 Vdc
2.5 mm (0.10")
K101K15X7RK5.L2
K101M15X7RK5.L2
100
5.0 mm (0.20")
K101K15X7RK5.H5
K101M15X7RK5.H5
120
2.5 mm (0.10")
K121K15X7RK5.L2
K121M15X7RK5.L2
120
5.0 mm (0.20")
K121K15X7RK5.H5
K121M15X7RK5.H5
150
2.5 mm (0.10")
K151K15X7RK5.L2
K151M15X7RK5.L2
150
5.0 mm (0.20")
K151K15X7RK5.H5
K151M15X7RK5.H5
180
2.5 mm (0.10")
K181K15X7RK5.L2
K181M15X7RK5.L2
180
5.0 mm (0.20")
K181K15X7RK5.H5
K181M15X7RK5.H5
220
2.5 mm (0.10")
K221K15X7RK5.L2
K221M15X7RK5.L2
220
5.0 mm (0.20")
K221K15X7RK5.H5
K221M15X7RK5.H5
270
2.5 mm (0.10")
K271K15X7RK5.L2
K271M15X7RK5.L2
270
5.0 mm (0.20")
K271K15X7RK5.H5
K271M15X7RK5.H5
330
2.5 mm (0.10")
K331K15X7RK5.L2
K331M15X7RK5.L2
330
5.0 mm (0.20")
K331K15X7RK5.H5
K331M15X7RK5.H5
390
2.5 mm (0.10")
K391K15X7RK5.L2
K391M15X7RK5.L2
390
5.0 mm (0.20")
K391K15X7RK5.H5
K391M15X7RK5.H5
470
2.5 mm (0.10")
K471K15X7RK5.L2
K471M15X7RK5.L2
470
5.0 mm (0.20")
K471K15X7RK5.H5
K471M15X7RK5.H5
560
2.5 mm (0.10")
K561K15X7RK5.L2
K561M15X7RK5.L2
560
5.0 mm (0.20")
K561K15X7RK5.H5
K561M15X7RK5.H5
680
2.5 mm (0.10")
K681K15X7RK5.L2
K681M15X7RK5.L2
680
5.0 mm (0.20")
K681K15X7RK5.H5
K681M15X7RK5.H5
820
2.5 mm (0.10")
K821K15X7RK5.L2
K821M15X7RK5.L2
820
5.0 mm (0.20")
K821K15X7RK5.H5
K821M15X7RK5.H5
1000
2.5 mm (0.10")
K102K15X7RK5.L2
K102M15X7RK5.L2
1000
5.0 mm (0.20")
K102K15X7RK5.H5
K102M15X7RK5.H5
1200
2.5 mm (0.10")
K122K15X7RK5.L2
K122M15X7RK5.L2
1200
5.0 mm (0.20")
K122K15X7RK5.H5
K122M15X7RK5.H5
1500
2.5 mm (0.10")
K152K15X7RK5.L2
K152M15X7RK5.L2
1500
5.0 mm (0.20")
K152K15X7RK5.H5
K152M15X7RK5.H5
1800
2.5 mm (0.10")
K182K15X7RK5.L2
K182M15X7RK5.L2
1800
5.0 mm (0.20")
K182K15X7RK5.H5
K182M15X7RK5.H5
2200
2.5 mm (0.10")
K222K15X7RK5.L2
K222M15X7RK5.L2
2200
5.0 mm (0.20")
K222K15X7RK5.H5
K222M15X7RK5.H5
2700
2.5 mm (0.10")
K272K15X7RK5.L2
K272M15X7RK5.L2
2700
5.0 mm (0.20")
K272K15X7RK5.H5
K272M15X7RK5.H5
3300
2.5 mm (0.10")
K332K15X7RK5.L2
K332M15X7RK5.L2
3300
5.0 mm (0.20")
K332K15X7RK5.H5
K332M15X7RK5.H5
3900
2.5 mm (0.10")
K392K15X7RK5.L2
K392M15X7RK5.L2
3900
5.0 mm (0.20")
K392K15X7RK5.H5
K392M15X7RK5.H5
4700
2.5 mm (0.10")
K472K15X7RK5.L2
K472M15X7RK5.L2
4700
5.0 mm (0.20")
K472K15X7RK5.H5
K472M15X7RK5.H5
5600
2.5 mm (0.10")
K562K15X7RK5.L2
K562M15X7RK5.L2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com