Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSDF1920W Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSDF1920W
Description  25 GHz Silicon NPN Planar RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1920W Datasheet(HTML) 1 Page - Vishay Siliconix

  TSDF1920W Datasheet HTML 1Page - Vishay Siliconix TSDF1920W Datasheet HTML 2Page - Vishay Siliconix TSDF1920W Datasheet HTML 3Page - Vishay Siliconix TSDF1920W Datasheet HTML 4Page - Vishay Siliconix TSDF1920W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSDF1920W
Document Number 85092
Rev. 1.4, 05-Sep-08
Vishay Semiconductors
www.vishay.com
1
16712
2
1
3
4
Electrostatic sensitive device.
Observe precautions for handling.
Not for new design, this product will be obsoleted soon
25 GHz Silicon NPN Planar RF Transistor
Features
• Very low noise figure
• Very high power gain
• High transition frequency fT = 24 GHz
• Low feedback capacitance
• Emitter pins are thermal leads
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
For RF front-ends, low noise, and wideband applica-
tions, such as in analogue and digital cellular and
cordless phones
(DECT, PHD), in TV systems (e.g. satellite tuners), in
high frequency oscillators up to 12 GHz, in pagers
and radar detectors.
Mechanical Data
Case: SOT-343R Plastic case
Weight: approx. 6.0 mg
Pinning: 1 = Emitter, 2 = Base,
3 = Emitter, 4 = Collector
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35
μm Cu
Part
Marking
Package
TSDF1920W
YH3
SOT-343R
Parameter
Test condition
Symbol
Value
Unit
Collector-base voltage
VCBO
10
V
Collector-emitter voltage
VCEO
3.5
V
Emitter-base voltage
VEBO
1.5
V
Collector current
IC
40
mA
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
1)
RthJA
450
K/W
e3


Similar Part No. - TSDF1920W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF1920W VISHAY-TSDF1920W Datasheet
55Kb / 4P
25 GHz Silicon NPN Planar RF Transistor
02-May-02
More results

Similar Description - TSDF1920W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
TSDF1920W VISHAY-TSDF1920W Datasheet
55Kb / 4P
25 GHz Silicon NPN Planar RF Transistor
02-May-02
TSDF2020W VISHAY-TSDF2020W Datasheet
62Kb / 4P
25 GHz Silicon NPN Planar RF Transistor
02-May-02
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
02-May-05
TSDF1205 VISHAY-TSDF1205_08 Datasheet
342Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
08-Sep-08
TSDF1220 VISHAY-TSDF1220_08 Datasheet
342Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
08-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com