Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFCP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VFCP
Description  Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFCP Datasheet(HTML) 4 Page - Vishay Siliconix

  VFCP Datasheet HTML 1Page - Vishay Siliconix VFCP Datasheet HTML 2Page - Vishay Siliconix VFCP Datasheet HTML 3Page - Vishay Siliconix VFCP Datasheet HTML 4Page - Vishay Siliconix VFCP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VFCP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Vishay Foil Resistors Ultra High Precision Z-Foil Flip Chip Resistor with TCR
of ± 0.05 ppm/°C, 35 % Space Saving versus
Wraparound Design and PCR of 5 ppm at Rated Power
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63106
4
Revision: 28-Jun-07
Note
* For non-standard requests, please contact Application Engineering.
TABLE 7 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y162910K0000T9W (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1629 = VFCP0805
1630 = VFCP1206
1631 = VFCP1506
1632 = VFCP2010
1633 = VFCP2512
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.50 %
F = ± 1.00 %
R = Tape and Reel
W = Waffle Pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1629 10K0000 T 9 W:
TYPE: VFCP0805
VALUE: 10.0 k
Ω
ABSOLUTE TOLERANCE: ± 0.01 %
TERMINATION: Lead (Pb)-free
PACKAGING: Waffle Pack
HISTORICAL PART NUMBER: VFCP0805 10K000 TCR0.2 T S W (will continue to be used)
VFCP0805
10K000
TCR0.2
T
S
W
MODEL
OHMIC VALUE
TCR
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
VFCP0805
VFCP1206
VFCP1506
VFCP2010
VFCP2512
10.0 k
Ω
Characteristic
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.50 %
F = ± 1.00 %
S = Lead (Pb)-free
B = Tin/Lead
T = Tape and Reel
W = Waffle Pack
62
91
K
0
0
0
Y1
T9
0
W
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com