Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN815-B Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN815-B
Description  SCR?셲
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN815-B Datasheet(HTML) 1 Page - STMicroelectronics

  TN815-B Datasheet HTML 1Page - STMicroelectronics TN815-B Datasheet HTML 2Page - STMicroelectronics TN815-B Datasheet HTML 3Page - STMicroelectronics TN815-B Datasheet HTML 4Page - STMicroelectronics TN815-B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TN805/TN815-B
®
August 1998 - Ed: 1A
SCR’s
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180
° conduction angle)
Tc= 105
°C8
A
IT(AV)
Mean on-state current
(180
° conduction angle)
Tc= 105
°C5
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25°C)
tp = 8.3 ms
73
A
tp = 10 ms
70
I
2tI2t Value for fusing
tp = 10ms
24.5
A
2s
dI/dt
Critical rate of rise of on-state current
IG = 100 mA
dIG /dt = 1 A/
µs.
100
A/
µs
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Tl
Maximum lead temperature for soldering during 10s
260
°C
ABSOLUTE MAXIMUM RATINGS
DPAK
ITRMS = 8 A
VDRM = 400 V to 800 V
IGT
≤ 5 mA and 15 mA
FEATURES
The TN805/TN815-B serie of Silicon Controlled
Rectifiers uses a high performance TOPGLASS
PNPN technology.
These parts are intended for general purpose
applications using mount technology.
DESCRIPTION
K
A
A
G
Symbol
Parameter
TN805 or TN815
Unit
400B
600B
700B
800B
VDRM
VRRM
Repetitive peak-off voltage
Tj = 125°C
400
600
700
800
V
1/5


Similar Part No. - TN815-B

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
TN815-600B KERSEMI-TN815-600B Datasheet
486Kb / 9P
8A SCR
TN815-600B KERSEMI-TN815-600B Datasheet
487Kb / 9P
8A SCRs
logo
STMicroelectronics
TN815-600B-TR STMICROELECTRONICS-TN815-600B-TR Datasheet
162Kb / 9P
8A SCRs
Apr-2002
logo
Kersemi Electronic Co.,...
TN815-600H KERSEMI-TN815-600H Datasheet
486Kb / 9P
8A SCR
TN815-600H KERSEMI-TN815-600H Datasheet
487Kb / 9P
8A SCRs
More results

Similar Description - TN815-B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5562 NTE-NTE5562 Datasheet
21Kb / 2P
Silicon Controlled Rectifiers (SCR?셲)
logo
STMicroelectronics
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
SCR
Mar-1995
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
SCR
Mar-1995
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
SCR
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
SCR/SCR and SCR/Diode
17-Jul-14
logo
WeEn Semiconductors
BT145-800RT WEEN-BT145-800RT Datasheet
361Kb / 11P
SCR
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
SCR
BT151-800C WEEN-BT151-800C Datasheet
216Kb / 12P
SCR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com