Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL084BCP Datasheet(PDF) 6 Page - STMicroelectronics

Part # TL084BCP
Description  GENERAL PURPOSEJ-FET QUAD OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL084BCP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TL084BCP Datasheet HTML 2Page - STMicroelectronics TL084BCP Datasheet HTML 3Page - STMicroelectronics TL084BCP Datasheet HTML 4Page - STMicroelectronics TL084BCP Datasheet HTML 5Page - STMicroelectronics TL084BCP Datasheet HTML 6Page - STMicroelectronics TL084BCP Datasheet HTML 7Page - STMicroelectronics TL084BCP Datasheet HTML 8Page - STMicroelectronics TL084BCP Datasheet HTML 9Page - STMicroelectronics TL084BCP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
89
88
87
86
85
84
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
83
-75
R
L
=1 0 k
Ω
=
15V
V
CC
COMMON MODE REJECTION RATIO
VERSUS FREE AIR TEMPERATURE
6
4
2
0
-2
-4
00.5
11.5
2
2.5
33.5
TIME (
µs)
-6
=
15V
V
CC
R
L =2 kΩ
= 100pF
C L
T
am b =+25 C
OUTP UT
INPUT
VOLTAGE FOLLOWER LARGE SIGNAL
PULSE RESPONSE
t r
28
24
20
16
12
8
4
0
-4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
TIME (
µs)
10%
90%
OVERSHOOT
R
L =2k Ω
T
amb
= +25
°C
V
CC
= 15V
OUTPUT VOLTAGE VERSUS
ELAPSED TIME
70
60
50
40
30
20
10
0
10
40
100
400
1k
4k
10k
40k 100k
FREQUENCY (Hz)
A V =10
R S = 100 Ω
Tamb = +25°C
VCC =
15V
EQUIVALENT INPUT NOISE VOLTAGE
VERSUS FREQUENCY
1
0.4
0.1
0.04
0.01
0.004
0.001
100
400
1k
4k
10k
40k
100k
FREQUENCY (Hz)
A V =1
T amb = +25°C
V
CC
=15V
=6V
V
O (rms)
A V =1
T
amb = +25°C
=6V
V
O (rms)
V
CC =
15V
TOTAL HARMONIC DISTORTION VERSUS
FREQUENCY
TL084 - TL084A - TL084B
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com