Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ACZ-AP Datasheet(PDF) 6 Page - STMicroelectronics

Part # TL431ACZ-AP
Description  PROGRAMMABLE VOLTAGE REFERENCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431ACZ-AP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TL431ACZ-AP Datasheet HTML 2Page - STMicroelectronics TL431ACZ-AP Datasheet HTML 3Page - STMicroelectronics TL431ACZ-AP Datasheet HTML 4Page - STMicroelectronics TL431ACZ-AP Datasheet HTML 5Page - STMicroelectronics TL431ACZ-AP Datasheet HTML 6Page - STMicroelectronics TL431ACZ-AP Datasheet HTML 7Page - STMicroelectronics TL431ACZ-AP Datasheet HTML 8Page - STMicroelectronics TL431ACZ-AP Datasheet HTML 9Page - STMicroelectronics TL431ACZ-AP Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TL431
6/10
Static impedance RKA vs Temperature
Gain & Phase vs Frequency
Maximum Power dissipation
Minimum operating current vs temperature
Stability behaviour with capacitive loads
Pulse response for IK=1mA
-40
-20
0
20
40
60
80
100
0.20
0.22
0.24
0.26
0.28
0.30
V
KA
=V
REF
T
AMB
=+25
°C
Temperature (
°C)
1
10
100
1000
10000
-40
-20
0
20
40
60
-200
-150
-100
-50
0
50
100
150
200
Frequency (kHz)
I
K
=10 mA
See figure 4
Phase
Gain
10
20
30
0
20
40
60
80
100
T
AMB
= +25
°C
Safe
Area
SO8
Batwing
TO92
Cathode voltage (V)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
V
KA
= V
REF
Temperature (
°C)
1E-10
1E-9
1E-8
1E-7
1E-6
1E-5
0
20
40
60
80
100
Instable
Area
V
KA
=24 V
V
KA
=12 V
V
KA
=5 V
V
KA
=V
REF
Capacitive load (Farad)
024
68
10
0
2
4
6
V
KA
=V
REF
T
AMB
=+25
°C
Output
Input
Time (
µs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com