Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E6CP Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E6CP
Description  Absolute Rotary Encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E6CP Datasheet(HTML) 1 Page - Omron Electronics LLC

  E6CP Datasheet HTML 1Page - Omron Electronics LLC E6CP Datasheet HTML 2Page - Omron Electronics LLC E6CP Datasheet HTML 3Page - Omron Electronics LLC E6CP Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E6CP
E6CP
1
Absolute Rotary Encoders with
Gray Code Output
s Gray code output decreases output
errors
s Lightweight plastic housing
s In combination with Omron’s H8PS
Cam Positioner, this encoder detects the
operation timing of various automatic
machines with high precision
s Optical system eliminates brush noise and
minimizes errors from temperature
fluctuation compared with potentiometers
Absolute Rotary Encoder
E6CP
Ordering Information
The encoder with a "-C" in the part number has a cable that terminates in a connector for Omron’s H8PS Cam Positioner. Standard stock
products are shown in bold in the Part Number Index.
s ENCODERS
Resolution (pulses/revolution)
Output code
Output form
Supply voltage
Cable termination
Part number
8-bit (256 pulses/revolution)
Gray code
Open collector
5 to 12 VDC
Wire bundle
E6CP-AG3C
12 to 24 VDC
Connector
E6CP-AG5C-C
Description
Part number
Shaft coupler; fits two 6 mm (0.24 in.) dia. shafts
E69-C06B
Extension cable, 5 m (16.40 ft.) for E6CP-AG5C-C encoder
E69-DF5
s ACCESSORIES
s REPLACEMENT PARTS
Description
Part number
Mounting brackets (set of 3) supplied with each E6CP encoder
E69-FCA-02


Similar Part No. - E6CP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E6CP-A OMRON-E6CP-A Datasheet
621Kb / 8P
Low-cost Encoder with Diameter of 50 mm
10/10
E6CP-A OMRON-E6CP-A Datasheet
682Kb / 5P
Rotary Encoders
2012.8
E6CP-A OMRON-E6CP-A Datasheet
658Kb / 5P
Rotary Encoders
2015.4
E6CP-AG3C OMRON-E6CP-AG3C Datasheet
621Kb / 8P
Low-cost Encoder with Diameter of 50 mm
10/10
E6CP-AG3C 256P/R 2M OMRON-E6CP-AG3C 256P/R 2M Datasheet
621Kb / 8P
Low-cost Encoder with Diameter of 50 mm
10/10
More results

Similar Description - E6CP

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
logo
Omron Electronics LLC
E6F-A OMRON-E6F-A Datasheet
84Kb / 2P
Absolute Rotary Encoder
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
absolute encoder
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
Absolute encoder / absolute code output
logo
IC-Haus GmbH
IC-TW11 ICHAUS-IC-TW11 Datasheet
786Kb / 25P
10-BIT ULTRA LOW POWER MAGNETIC ABSOLUTE ROTARY ENCODER
logo
Omron Electronics LLC
E6C2-A OMRON-E6C2-A Datasheet
215Kb / 16P
Absolute Rotary Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com