Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS274C Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS274C
Description  HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS274C Datasheet(HTML) 1 Page - STMicroelectronics

  TS274C Datasheet HTML 1Page - STMicroelectronics TS274C Datasheet HTML 2Page - STMicroelectronics TS274C Datasheet HTML 3Page - STMicroelectronics TS274C Datasheet HTML 4Page - STMicroelectronics TS274C Datasheet HTML 5Page - STMicroelectronics TS274C Datasheet HTML 6Page - STMicroelectronics TS274C Datasheet HTML 7Page - STMicroelectronics TS274C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS274C,I,M
HIGH SPEED CMOS
QUAD OPERATIONAL AMPLIFIERS
October 1997
.
OUTPUT
VOLTAGE
CAN
SWING
TO
GROUND
.
EXCELLENT PHASE MARGIN ON
CAPACITIVE LOADS
.
GAIN BANDWIDTH PRODUCT : 3.5MHz
.
STABLE AND LOW OFFSET VOLTAGE
.
THREE INPUT OFFSET VOLTAGE
SELECTIONS
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
PIN CONNECTIONS (top view)
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature
Range
Package
ND
TS274C/AC/BC
0
oC, +70oC
qq
TS274I/AI/BI
-40
oC, +125oC
qq
TS274M/AM/BM
-55
oC, +125oC
qq
Example : TS274ACN
DESCRIPTION
The TS274 series are low cost, low power quad
operational amplifiers designed to operate with
single or dual supplies. These operational amplifi-
ers use the SGS-THOMSON silicon gate CMOS
process allowing an excellent consumption-speed
ratio. These series are ideally suited for low con-
sumption applications.
Three power consumptions are available allowing
to have always the best consumption-speed ratio :
q
ICC=10
µA/amp. :
TS27L4
(very low power)
q
ICC= 150
µA/amp. : TS27M4 (low power)
q
ICC= 1mA/amp. :
TS274
(high speed)
These CMOS amplifiers offer very high input im-
pedance and extremely low input currents.
The major advantage versus JFET devices is the
very low input currents drift with temperature
(see figure 2).
1/8


Similar Part No. - TS274C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS274CD STMICROELECTRONICS-TS274CD Datasheet
198Kb / 15P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Apr-2006
TS274CD STMICROELECTRONICS-TS274CD Datasheet
158Kb / 14P
High performance CMOS quad operational amplifier
01-Feb-2008
TS274CDT STMICROELECTRONICS-TS274CDT Datasheet
158Kb / 14P
High performance CMOS quad operational amplifier
01-Feb-2008
TS274CN STMICROELECTRONICS-TS274CN Datasheet
198Kb / 15P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Apr-2006
TS274CN STMICROELECTRONICS-TS274CN Datasheet
158Kb / 14P
High performance CMOS quad operational amplifier
01-Feb-2008
More results

Similar Description - TS274C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27M4C STMICROELECTRONICS-TS27M4C Datasheet
124Kb / 9P
PRECISION LOW POWER CMOS QUAD OPERATIONAL AMPLIFIERS
2001-Nov
TS514 STMICROELECTRONICS-TS514 Datasheet
58Kb / 7P
HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
Dec-1997
logo
Elantec Semiconductor
EL2423D ELANTEC-EL2423D Datasheet
328Kb / 1P
Quad De-Compensated High Speed Operational Amplifiers
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Apr-2006
logo
Rohm
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
Operational Amplifiers: High Speed
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
High Speed with Low Voltage CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
Low Voltage Operation High Speed CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com