Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201YJ4R7ABSTR Datasheet(PDF) 16 Page - AVX Corporation

Part # 0201YJ4R7ABSTR
Description  Thin-Film Technology
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0201YJ4R7ABSTR Datasheet(HTML) 16 Page - AVX Corporation

Back Button 0201YJ4R7ABSTR Datasheet HTML 11Page - AVX Corporation 0201YJ4R7ABSTR Datasheet HTML 12Page - AVX Corporation 0201YJ4R7ABSTR Datasheet HTML 13Page - AVX Corporation 0201YJ4R7ABSTR Datasheet HTML 14Page - AVX Corporation 0201YJ4R7ABSTR Datasheet HTML 15Page - AVX Corporation 0201YJ4R7ABSTR Datasheet HTML 16Page - AVX Corporation 0201YJ4R7ABSTR Datasheet HTML 17Page - AVX Corporation 0201YJ4R7ABSTR Datasheet HTML 18Page - AVX Corporation 0201YJ4R7ABSTR Datasheet HTML 19Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
21
1
CAPACITOR TYPE
CHIP SIZE
THERMAL IMPEDANCE (°C/W)
Accu-P
®
0805
6.5
1210
5
Microwave MLC
0505
12
1210
7.5
ADVANTAGES OF ACCU-P
®
IN RF POWER CIRCUITS
The optimized design of Accu-P® offers the designer of RF
power circuits the following advantages:
• Reduced power losses due to the inherently low ESR of
Accu-P®.
• Increased power dissipation due to the high thermal
conductivity of Accu-P®.
PRACTICAL APPLICATION
IN RF POWER CIRCUITS
• There is a wide variety of different experimental methods
for measuring the power handling performance of a
capacitor in RF power circuits. Each method has its
own problems and few of them exactly reproduce the
conditions present in “real” circuit applications.
• Similarly, there is a very wide range of different circuit appli-
cations, all with their unique characteristics and operating
conditions which cannot possibly be covered by such
“theoretical” testing.
• THE ONLY TRUE TEST OF A CAPACITOR IN ANY PARTICULAR
APPLICATION IS ITS PERFORMANCE UNDER OPERATING
CONDITIONS IN THE ACTUAL CIRCUIT.
Accu-F® / Accu-P®
Performance Characteristics RF Power Applications
RF POWER APPLICATIONS
In RF power applications capacitor losses generate heat. Two
factors of particular importance to designers are:
• Minimizing the generation of heat.
• Dissipating heat as efficiently as possible.
CAPACITOR HEATING
• The major source of heat generation in a capacitor in RF
power applications is a function of RF current (I) and ESR,
from the relationship:
Power dissipation = I2
RMS x ESR
• Accu-P® capacitors are specially designed to minimize
ESR and therefore RF heating. Values of ESR for
Accu-P® capacitors are significantly less than those of
ceramic MLC components currently available.
HEAT DISSIPATION
• Heat is dissipated from a capacitor through a variety of
paths, but the key factor in the removal of heat is the
thermal conductivity of the capacitor material.
• The higher the thermal conductivity of the capacitor, the
more rapidly heat will be dissipated.
• The table below illustrates the importance of thermal
conductivity to the performance of Accu-P® in power
applications.
1210
0805
Amps
8
6
4
2
0
0
200
400
600
800
1000 1200 1400MHz
1210
0805
0603
0402
PRODUCT
MATERIAL
THERMAL CONDUCTIVITY W/mK
Accu-P®
Alumina
18.9
Microwave MLC
Magnesium Titanate
6.0
Power Handling
Accu-P® 10pF
Data used in calculating the graph:
Thermal impedance of capacitors:
0402
17°C/W
0603
12°C/W
0805
6.5°C/W
1210
5°C/W
Thermal impedance measured using RF generator,
amplifier and strip-line transformer.
ESR of capacitors measured on Boonton 34A
THERMAL IMPEDANCE
Thermal impedance of Accu-P® chips is shown below com-
pared with the thermal impedance of Microwave MLC’s.
The thermal impedance expresses the temperature difference
in °C between chip center and termination caused by
a power dissipation of 1 watt in the chip. It is expressed in
°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com