Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201ZJ4R7ABSTR Datasheet(PDF) 17 Page - AVX Corporation

Part # 0201ZJ4R7ABSTR
Description  Thin-Film Technology
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0201ZJ4R7ABSTR Datasheet(HTML) 17 Page - AVX Corporation

Back Button 0201ZJ4R7ABSTR Datasheet HTML 11Page - AVX Corporation 0201ZJ4R7ABSTR Datasheet HTML 12Page - AVX Corporation 0201ZJ4R7ABSTR Datasheet HTML 13Page - AVX Corporation 0201ZJ4R7ABSTR Datasheet HTML 14Page - AVX Corporation 0201ZJ4R7ABSTR Datasheet HTML 15Page - AVX Corporation 0201ZJ4R7ABSTR Datasheet HTML 16Page - AVX Corporation 0201ZJ4R7ABSTR Datasheet HTML 17Page - AVX Corporation 0201ZJ4R7ABSTR Datasheet HTML 18Page - AVX Corporation 0201ZJ4R7ABSTR Datasheet HTML 19Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
22
1
Accu-F® / Accu-P®
Application Notes
GENERAL
Accu-F® and Accu-P® SMD capacitors are designed for
soldering to printed circuit boards or other substrates. The
construction of the components is such that they will with-
stand the time/temperature profiles used in both wave and
reflow soldering methods.
CIRCUIT BOARD TYPE
The circuit board types which may be used with Accu-F® and
Accu-P® are as follows:
Accu-F®: All flexible types of circuit boards
(eg. FR-4, G-10).
Accu-P®: All flexible types of circuit boards
(eg. FR-4, G-10) and also alumina.
For other circuit board materials, please consult factory.
HANDLING
SMD capacitors should be handled with care to avoid damage
or contamination from perspiration and skin oils. The use of
plastic tipped tweezers or vacuum pick-ups is strongly recom-
mended for individual components. Bulk handling should
ensure that abrasion and mechanical shock are minimized. For
automatic equipment, taped and reeled product gives the
ideal medium for direct presentation to the placement
machine.
COMPONENT PAD DESIGN
Component pads must be designed to achieve good
joints and minimize component movement during reflow
soldering. Pad designs are given below for both wave and
reflow soldering.
The basis of these designs is:
a. Pad width equal to component width. It is permissible to
decrease this to as low as 85% of component width but
it is not advisable to go below this.
b. Pad overlap 0.5mm beneath large components. Pad
overlap about 0.3mm beneath small components.
c. Pad extension of 0.5mm for reflow of large components
and pad extension about 0.3mm for reflow of small com-
ponents. Pad extension about 1.0mm for wave soldering.
WAVE SOLDERING
DIMENSIONS: millimeters (inches)
1.2
(0.047)
3.1
(0.122)
0.8
(0.031)
0.7
(0.028)
1.2
(0.047)
0.8
(0.031)
2.1
(0.083)
0.55
(0.022)
0.5
(0.020)
0.8
(0.031)
1.06
(0.042)
0.34
(0.013)
0.26
(0.010)
0.40
(0.016)
0.40
(0.016)
3.1
(0.122)
0.8
(0.031)
0.6
(0.024)
1.25
(0.049)
1.25
(0.049)
1.5
(0.059)
1.5
(0.059)
1.0
(0.039)
4.0
(0.157)
1.25
(0.049)
1.5
(0.059)
1.5
(0.059)
2.0
(0.079)
5.0
(0.197)
2.5
(0.098)
0603
Accu-F®
0402
Accu-P®
0201
Accu-P®
0603
Accu-P®
0805
Accu-F®
Accu-P®
1210
Accu-P®
REFLOW SOLDERING
DIMENSIONS: millimeters (inches)
0.6
(0.024)
1.7
(0.068)
0.55
(0.022)
0.5
(0.020)
0.6
(0.024)
0.8
(0.031)
2.3
(0.091)
0.6
(0.024)
0.85
(0.033)
0.85
(0.033)
3.0
(0.118)
1.25
(0.049)
1.0
(0.039)
1.0
(0.039)
1.0
(0.039)
2.5
(0.098)
4.0
(0.157)
1.0
(0.039)
2.0
(0.079)
1.0
(0.039)
0402
Accu-P®
0.78
(0.030)
0.34
(0.013)
0.26
(0.010)
0.26
(0.010)
0.26
(0.010)
0201
Accu-P®
0.8
(0.031)
2.3
(0.091)
0.7
(0.028)
0.8
(0.031)
0.8
(0.031)
0603
Accu-F®
0603
Accu-P®
0805
Accu-F®
Accu-P®
1210
Accu-P®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com