Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02015K4R7ABSTR Datasheet(PDF) 10 Page - AVX Corporation

Part # 02015K4R7ABSTR
Description  Thin-Film Technology
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02015K4R7ABSTR Datasheet(HTML) 10 Page - AVX Corporation

Back Button 02015K4R7ABSTR Datasheet HTML 6Page - AVX Corporation 02015K4R7ABSTR Datasheet HTML 7Page - AVX Corporation 02015K4R7ABSTR Datasheet HTML 8Page - AVX Corporation 02015K4R7ABSTR Datasheet HTML 9Page - AVX Corporation 02015K4R7ABSTR Datasheet HTML 10Page - AVX Corporation 02015K4R7ABSTR Datasheet HTML 11Page - AVX Corporation 02015K4R7ABSTR Datasheet HTML 12Page - AVX Corporation 02015K4R7ABSTR Datasheet HTML 13Page - AVX Corporation 02015K4R7ABSTR Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
15
1
Accu-F® / Accu-P®
0805 Typical Electrical Tables
Capacitance
Self
Ref
Effective
Max
Ref
Effective
Max
Ref
Effective
Max
Ref
Effective
Max
& Tolerance*
Resonance
Freq.
Capacitance
ESR
Freq.
Capacitance
ESR
Freq.
Capacitance
ESR
Freq.
Capacitance
ESR
@ 1 MHz
Frequency
MHz
Max/Min
(
Ω)
MHz
Max/Min
(
Ω)
MHz
Max/Min
(
Ω)
MHz
Max/Min
(
Ω)
(pF)
(GHz)
(pF)
(pF)
(pF)
(pF)
0.1±0.05
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.2±0.05
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.3±0.05
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.4±0.05
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.5±0.05
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.6±0.10
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.7±0.10
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.8±0.10
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.9±0.10
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1.0±0.10
5.6
250
1.20/0.90
.320
500
1.20/0.90
.300
750
1.20/0.90
.270
999
1.20/0.90
.300
1.1±0.10
5.4
248
1.30/1.00
.290
496
1.30/1.00
.270
754
1.30/1.00
.250
993
1.30/1.00
.290
1.2±0.10
5.1
245
1.40/1.10
.270
492
1.40/1.10
.250
739
1.40/1.10
.240
987
1.40/1.10
.280
1.3±0.10
4.9
243
1.50/1.20
.260
488
1.50/1.20
.230
734
1.50/1.10
.230
980
1.50/1.20
.270
1.4±0.10
4.8
242
1.60/1.30
.240
487
1.60/1.20
.220
733
1.60/1.20
.220
979
1.60/1.30
.260
1.5±0.10
4.6
242
1.70/1.40
.230
486
1.70/1.40
.210
731
1.70/1.40
.220
977
1.70/1.40
.260
1.6±0.10
4.5
241
1.80/1.50
.220
484
1.85/1.50
.210
729
2.00/1.50
.220
975
2.00/1.50
.250
1.7±0.10
4.3
240
1.90/1.60
.210
483
1.95/1.60
.200
728
2.05/1.60
.210
974
2.20/1.60
.240
1.8±0.10
4.2
239
2.00/1.70
.200
482
2.05/1.70
.190
726
2.10/1.70
.210
972
2.30/1.70
.230
1.9±0.10
4.1
239
2.10/1.80
.200
481
2.15/1.80
.190
724
2.25/1.80
.200
970
2.40/1.80
.230
2.0±0.10
4.0
238
2.20/1.90
.190
479
2.30/1.90
.180
722
2.40/1.90
.200
967
2.60/1.95
.220
2.1±0.10
3.9
237
2.30/2.00
.190
477
2.40/2.00
.170
720
2.60/2.00
.190
964
2.80/2.06
.210
2.2±0.10
3.8
236
2.40/2.10
.180
475
2.60/2.10
.170
716
2.80/2.14
.190
962
3.06/2.17
.210
2.4±0.25
3.6
235
2.85/2.15
.170
473
3.13/2.29
.170
714
3.17/2.30
.190
960
3.31/2.31
.210
2.7±0.25
3.4
233
3.19/2.45
.160
470
3.47/2.55
.150
711
3.52/2.60
.170
957
3.67/2.60
.200
3.0±0.25
3.3
231
3.51/2.75
.150
465
3.76/2.86
.140
707
3.84/2.93
.160
952
4.00/3.00
.190
3.3±0.25
3.1
229
3.83/3.05
.140
463
4.04/3.10
.140
704
4.15/3.19
.160
948
4.38/3.30
.190
3.6±0.25
3.0
228
4.16/3.35
.140
462
4.35/3.42
.130
704
4.50/3.53
.150
947
4.80/3.60
.190
3.9±0.25
2.9
227
4.48/3.65
.130
459
4.67/3.72
.120
701
4.85/3.86
.150
944
5.23/3.90
.180
4.3±0.25
2.7
223
4.91/4.05
.130
456
5.11/4.13
.120
697
5.32/4.25
.150
940
5.79/4.50
.180
4.7±0.25
2.6
220
5.35/4.45
.120
451
5.52/4.53
.110
691
5.79/4.60
.140
936
6.36/4.80
.170
5.1±0.25
2.5
218
5.78/4.85
.120
447
5.94/4.94
.110
688
6.25/5.20
.140
934
7.16/5.74
.160
5.6±0.25
2.4
215
6.00/5.35
.100
444
6.82/5.40
.100
684
7.27/5.60
.120
930
8.25/5.90
.150
6.2±0.25
2.3
212
7.00/5.95
.100
442
7.52/6.00
.100
683
8.08/6.10
.120
927
9.35/6.80
.150
6.8±0.25
2.2
208
7.20/6.55
.100
435
8.21/6.88
.100
677
8.90/6.96
.120
925
10.46/7.32
.150
7.5±0.05
2.1
206
8.64/7.00
.100
434
9.02/7.10
.100
675
9.85/7.50
.120
924
11.75/8.42
.150
8.2±0.05
2.0
203
9.40/7.70
.090
432
9.83/7.90
.080
673
10.80/8.25
.110
922
13.04/9.53
.150
9.1±0.05
1.9
199
10.37/8.60
.080
429
10.88/8.76
.080
670
12.02/9.10
.110
920
14.70/10.70
.150
10±5%
1.8
196
11.00/9.50
.080
423
11.92/9.76
.080
668
13.24/10.00
.110
918
15.37/11.80
.140
11±5%
1.8
193
12.50/10.45
.080
420
13.23/10.50
.080
665
15.07/11.00
.110
916
16.00/12.20
.140
12±5%
1.6
190
13.61/11.40
.070
418
14.50/11.90
.080
663
16.90/12.82
.110
915
N/A
.140
13±5%
1.6
187
14.75/12.35
.070
416
15.80/13.00
.080
662
18.87/14.00
.110
914
N/A
.140
14±5%
1.5
184
15.88/13.30
.070
414
17.22/14.00
.080
661
20.84/16.00
.110
913
N/A
.140
15±5%
1.5
182
17.02/14.25
.070
414
18.56/15.19
.080
660
22.62/19.13
.110
912
N/A
.130
16±5%
1.4
179
18.16/15.20
.070
411
19.90/16.28
.080
659
27.00/20.89
.100
911
N/A
.130
18±5%
1.3
176
20.42/17.10
.070
408
22.69/18.57
.070
657
33.00/22.10
.100
910
N/A
.130
20±5%
1.3
173
22.70/19.00
.060
406
25.38/20.78
.070
656
38.00/23.15
.100
908
N/A
.130
22±5%
1.2
171
24.95/20.90
.060
405
28.08/21.00
.070
655
42.00/24.00
.100
907
N/A
.130
24±5%
1.2
168
27.20/22.80
.060
403
31.31/25.61
.070
654
N/A
.090
907
N/A
.130
27±5%
1.1
165
30.78/25.69
.060
401
36.10/32.20
.070
652
N/A
.090
906
N/A
.130
30±5%
1.0
163
34.23/28.50
.050
400
40.58/33.20
.070
651
N/A
.090
905
N/A
.130
33±5%
1.0
159
37.85/31.35
.050
399
46.65/35.00
.070
650
N/A
.090
904
N/A
.120
36±5%
0.9
157
41.19/34.20
.050
397
52.22/38.00
.070
649
N/A
.090
903
N/A
.120
39±5%
0.9
155
44.79/37.05
.050
396
59.08/47.08
.070
648
N/A
.090
902
N/A
.120
43±5%
0.9
153
49.99/40.85
.050
395
70.50/53.04
.060
647
N/A
.090
901
N/A
.120
47±5%
0.8
152
55.19/44.65
.050
394
81.99/59.00
.060
646
N/A
.090
900
N/A
.110
* Other tolerances are available, see page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com