Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS271BI Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS271BI
Description  PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271BI Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS271BI Datasheet HTML 7Page - STMicroelectronics TS271BI Datasheet HTML 8Page - STMicroelectronics TS271BI Datasheet HTML 9Page - STMicroelectronics TS271BI Datasheet HTML 10Page - STMicroelectronics TS271BI Datasheet HTML 11Page - STMicroelectronics TS271BI Datasheet HTML 12Page - STMicroelectronics TS271BI Datasheet HTML 13Page - STMicroelectronics TS271BI Datasheet HTML 14Page - STMicroelectronics TS271BI Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ELECTRICAL CHARACTERISTICS FOR ISET = 130
µA
VCC
+ = +10V, VCC- = 0V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
TS271C/AC/BC
TS271I/AI/BI
TS271M/AM/BM
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input Offset Voltage
VO = 1.4V, Vic = 0V TS271C/I/M
TS271AC/AI/AM
TS271BC/BI/BM
Tmin.
≤ Tamb ≤ Tmax. TS271C/I/M
TS271AC/AI/AM
TS271BC/BI/BM
1.1
0.9
0.25
10
5
2
12
6.5
3
1.1
0.9
0.25
10
5
2
12
6.5
3.5
mV
DVio
Input Offset Voltage Drift
2
2
µV/oC
Iio
Input Offset Current - (note 1)
Vic =5V, Vo =5V
Tmin.
≤ Tamb ≤ Tmax.
1
100
1
200
pA
Iib
Input Bias Current - (note 1)
Vic =5V, Vo =5V
Tmin.
≤ Tamb ≤ Tmax.
1
150
1
300
pA
VOH
High Level Output Voltage
Vid = 100mV, RL = 10k
Ω
Tmin.
≤ Tamb ≤ Tmax.
8.2
8.1
8.4
8.2
8
8.4
V
VOL
Low Level Output Voltage (Vid = -100mV)
50
50
mV
Avd
Large Signal Voltage Gain
Vo =1V to 6V, RL = 10k
Ω,Vic =5V
Tmin.
≤ Tamb ≤ Tmax.
10
7
15
10
6
15
V/mV
GBP
Gain Bandwidth Product (Av = 40dB,
RL = 10k
Ω,CL = 100pF, fin = 100kHz)
2.3
2.3
MHz
CMR
Common Mode Rejection Ratio
Vo = 1.4V, Vic = 1V to 7.4V
60
80
60
80
dB
SVR
Supply Voltage Rejection Ratio
VCC
+ = 5V to 10V ,V
o = 1.4V
60
70
60
70
dB
ICC
Supply Current
Av = 1, no load, Vo =5V
Tmin.
≤ Tamb ≤ Tmax.
800
1300
1400
800
1300
1500
µA
Io
Output Short Circuit Current
Vid = 100mV, Vo =0V
60
60
mA
Isink
Output Sink Current
Vid = -100mV, Vo =VCC
45
45
mA
SR
Slew-Rate at Unity Gain
RL = 10k
Ω,CL= 100pF, Vi = 3 to 7V
4.5
4.5
V/
µs
∅m
Phase Margin at Unity Gain
Av = 40dB, RL = 10k
Ω
CL= 10pF
CL= 100pF
65
50
65
50
degrees
Kov
Overshoot Factor
CL = 10pF
CL = 100pF
30
30
30
30
%
en
Equivalent Input Noise Voltage
f = 1kHz, RS = 100
Ω
30
30
nV
√
Hz
Note :
1. Maximum values including unavoidable inaccuracies of the industrial test.
TS271C,I,M
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com