Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1874AI Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS1874AI
Description  1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874AI Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS1874AI Datasheet HTML 2Page - STMicroelectronics TS1874AI Datasheet HTML 3Page - STMicroelectronics TS1874AI Datasheet HTML 4Page - STMicroelectronics TS1874AI Datasheet HTML 5Page - STMicroelectronics TS1874AI Datasheet HTML 6Page - STMicroelectronics TS1874AI Datasheet HTML 7Page - STMicroelectronics TS1874AI Datasheet HTML 8Page - STMicroelectronics TS1874AI Datasheet HTML 9Page - STMicroelectronics TS1874AI Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TS1871-TS1872-TS1874
10/10
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifi-
cations mentioned in this publication are subject to change without notice. This publication supersedes and replaces all informa-
tion previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices
or systems without express written approval of STMicroelectronics.
© The ST logo is a trademark of STMicroelectronics
© 2000 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
© http://www.st.com
L
C
E1
A2
A
A1
b
E
D
PACKAGE MECHANICAL DATA
5 PINS -TINY PACKAGE (SOT23)
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.90
1.45
0.034
0.057
A1
0
0.15
0.006
A2
0.90
1.30
0.034
0.051
b
0.35
0.50
0.013
0.020
C
0.09
0.20
0.003
0.008
D
2.80
3.00
0.110
0.118
E
2.60
3.00
0.102
0.118
E1
1.50
1.75
0.059
0.069
L
0.10
0.60
0.003
0.024
TS1871ILT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com