Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM06A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSM06A
Description  Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSM06A Datasheet(HTML) 2 Page - Vishay Siliconix

  MSM06A Datasheet HTML 1Page - Vishay Siliconix MSM06A Datasheet HTML 2Page - Vishay Siliconix MSM06A Datasheet HTML 3Page - Vishay Siliconix MSM06A Datasheet HTML 4Page - Vishay Siliconix MSM06A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 31514
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 25-Jul-08
2
MSM (Military M83401)
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified,
Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Vishay Dale
DIMENSIONS in inches [millimeters]
"A" Profile
0.100 ± 0.005
[2.54 ± 0.127]
Non-Accumulative
0.040 + 0.009
- 0.015
[1.02 + 0.229
- 0.381]
0.017 ± 0.004
[0.432 ± 0.102]
0.135 + 0.015
- 0.010
[3.43 + 0.381
- 0.254]
0.030 + 0.005
- 0.015
[0.762 + 0.127
- 0.381]
B
C Equal Space
0.187 + 0.008
- 0.010
[4.75 + 0.203
- 0.254]
A
Pin # 1
"C" Profile
B
C Equals Spaces
0.342 + 0.008
- 0.010
[8.69 + 0.203
- 0.254]
0.135 + 0.015
- 0.010
[3.43 + 0.381
- 0.254]
0.040 + 0.009
- 0.015
[1.02 + 0.229
- 0.381]
0.100 ± 0.005
[2.54 ± 0.127]
Non-Accumulative
0.030 + 0.005
- 0.015
[0.762 + 0.127
- 0.381]
A
Pin # 1
0.017 ± 0.004
[0.432 ± 0.102]
VISHAY DALE MODEL
MSM06
MSM08
MSM10
B
0.500
[12.70]
0.700
[17.78]
0.900
[22.86]
A
0.583 ± 0.015
[14.81 ± 0.381]
0.783 ± 0.015
[19.89 ± 0.381]
0.983 ± 0.015
[24.97 ± 0.381]
C
5
7
9
0.098 max.
[2.49 max.]
0.012 ± 0.004
[0.305 ± 0.102]
0.098 max.
[2.49 max.]
0.012 ± 0.004
[0.305 ± 0.102]
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MSM SERIES
Maximum Operating Voltage
VDC
50
Voltage Coefficient of Resistance
Veff
< 50 ppm
Dielectric Strength
VAC
200 min.
Insulation Resistance
Ω
10 000 M
Operating Temperature Range
°C
- 55 to + 125
Storage Temperature Range
°C
- 55 to + 150
MECHANICAL SPECIFICATIONS
Body:
Molded epoxy
Terminals:
Copper alloy, hot-solder dipped
Solderability:
Per MIL-PRF-83401
CAGE CODE: 91637 and SH903
MILITARY IMPEDANCE CODES
CODE
R1 (Ω)
R2 (Ω)
CODE
R1 (Ω)
R2 (Ω)
A001
82
130
A010
330
470
A002
120
200
A011
330
680
A003
130
210
A012
1.5K
3.3K
A004
160
260
A013
3K
6.2K
A005
180
240
A014
180
270
A006
180
390
A015
270
270
A007
220
270
A016
560
560
A008
220
330
A017
560
1.2K
A009
330
390
A018
620
2.7K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com