Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MSP
Description  Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP Datasheet(HTML) 1 Page - Vishay Siliconix

  MSP Datasheet HTML 1Page - Vishay Siliconix MSP Datasheet HTML 2Page - Vishay Siliconix MSP Datasheet HTML 3Page - Vishay Siliconix MSP Datasheet HTML 4Page - Vishay Siliconix MSP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thick Film Resistor Networks
Single-In-Line, Molded SIP; 01, 03, 05 Schematics
6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31510
1
Revision: 28-Jul-06
MSP
Vishay Dale
FEATURES
• 0.195" [4.95 mm] "A" or 0.350" [8.89 mm] "C"
maximum seated height
• Thick film resisitive elements
• Low temperature coefficient (- 55 °C to + 125 °C)
± 100 ppm/°C
• Rugged, molded case construction
• Reduces total assembly costs
• Compatible with automatic insertion equipment
and reduces PC board space
• Wide resistance range (10 Ω to 2.2 MΩ)
• Available in tube pack or side-by-side pack
• Lead (Pb)-free version is RoHS compliant
Available
RoHS*
COMPLIANT
e1
* Tighter tracking available
** Tolerances in brackets available on request
* Pb containing terminations are not RoHS compliant, exemptions may apply
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL/
SCHEMATIC
PROFILE
RESISTOR
POWER RATING
Max. AT 70 °C
W
RESISTANCE
RANGE
Ω
STANDARD
TOLERANCE
%
TEMPERATURE
COEFFICIENT
(- 55 °C to + 125 °C)
ppm/°C
TCR
TRACKING*
(- 55 °C to + 125 °C)
ppm/°C
OPERATING
VOLTAGE
Max.
VDC
MSPxxx01
A
C
0.20
0.25
10 - 2.2M
± 2 Standard
(1, 5)**
± 100
± 50 ppm/°C
100
MSPxxx03
A
C
0.30
0.40
10 - 2.2M
± 2 Standard
(1, 5)**
± 100
± 50 ppm/°C
100
MSPxxx05
A
C
0.20
0.25
10 - 2.2M
± 2 Standard
(± 5 %)**
± 100
± 150 ppm/°C
100
GLOBAL
PIN COUNT PACKAGE HEIGHT
SCHEMATIC
RESISTANCE
TOLERANCE
SPECIAL
MODEL
VALUE
CODE
MSP
06 = 6 Pin
A = “A” Profile
01 = Bussed
R = Decimal
F = ± 1 %
Blank = Standard
08 = 8 Pin
C = “C” Profile
03 =Isolated
K = Thousand
G = ± 2 %
(Dash Number)
09 = 9 Pin
00 = Special
M = Million
J = ± 5 %
(up to 3 digits)
10 = 10 Pin
10R0 = 10
Ω
S = Special
From 1-999
680K = 680 k
Ω
as applicable
1M00 = 1.0 M
Ω
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MSP06A031K00GDA (preferred part numbering format)
Historical Part Number example: MSP06A03102G (will continue to be accepted)
HISTORICAL
PIN COUNT
PACKAGE
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
MODEL
HEIGHT
VALUE
CODE
M
S
P0
6
A
03
1
K
00
G
D
A
PACKAGING
EJ = Lead (Pb)-free,
Tube
DA = Tin/Lead, Tube
GLOBAL
PIN COUNT
PACKAGE HEIGHT
SCHEMATIC
RESISTANCE
TOLERANCE
SPECIAL
MODEL
VALUE
CODE
MSP
06 = 6 Pin
A = “A” Profile
05 = Dual
3 digit
F = ± 1 %
Blank = Standard
08 = 8 Pin
C = “C” Profile
Terminator
Impedence code,
G = ± 2 %
(Dash Number)
09 = 9 Pin
followed by
J = ± 5 %
(up to 3 digits)
10 = 10 Pin
Alpha modifier
From 1-999
(see Impedence
as applicable
codes table)
New Global Part Numbering: MSP08C05131AGDA (preferred part numbering format)
Historical Part Number example: MSP08C05221331G (will continue to be accepted)
HISTORICAL
PIN COUNT
PACKAGE
SCHEMATIC
RESISTANCE
RESISTANCE
TOLERANCE
PACKAGING
MODEL
HEIGHT
VALUE 1
VALUE 2
MS
P
0
8
C0
5
1
3
1
A
G
D
A
MSP
08
C
05
221
331
G
DO3
MSP
06
A
03
102
G
DO3
PACKAGING
EJ = Lead (Pb)-free,
Tube
DA = Tin/Lead, Tube


Similar Part No. - MSP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
Vishay Siliconix
MSP VISHAY-MSP Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
logo
Advanced Energy Industr...
MSP ADVANCEDENERGY-MSP Datasheet
699Kb / 8P
HITEK POWER MSP SERIES
logo
API Technologies Corp
MSP-007-050 APITECH-MSP-007-050 Datasheet
1Mb / 1P
Mini Surface Mount Power Filters
MSP-010-050 APITECH-MSP-010-050 Datasheet
1Mb / 1P
Mini Surface Mount Power Filters
More results

Similar Description - MSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP01 VISHAY-MSP01 Datasheet
32Kb / 4P
Thick Film Resistor Networks Single-In-Line, Molded SIP 01, 03, 05 Schematics 6, 8, 9 or 10 Pin A Profile and 6, 8 or 10 Pin C Profile
25-Oct-00
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
06-Aug-02
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
02-Aug-02
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
25-Aug-06
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MSM VISHAY-MSM Datasheet
137Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
25-Jul-08
MSP06A011K00GEJ VISHAY-MSP06A011K00GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com