Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS393 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS393
Description  MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS393 Datasheet(HTML) 1 Page - STMicroelectronics

  TS393 Datasheet HTML 1Page - STMicroelectronics TS393 Datasheet HTML 2Page - STMicroelectronics TS393 Datasheet HTML 3Page - STMicroelectronics TS393 Datasheet HTML 4Page - STMicroelectronics TS393 Datasheet HTML 5Page - STMicroelectronics TS393 Datasheet HTML 6Page - STMicroelectronics TS393 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
s EXTREMELY LOW SUPPLY CURRENT :
9
µA typ / comparator
s WIDE SINGLE SUPPLY RANGE
2.7V TO 16V OR DUAL SUPPLIES
(±1.35V TO ±8V)
s EXTREMELY LOW INPUT BIAS CURRENT :
1pA typ
s EXTREMELY LOW INPUT OFFSET
CURRENTS : 1pA typ
s INPUT COMMON-MODE VOLTAGE RANGE
INCLUDES GND
s HIGH INPUT IMPEDANCE : 1012
Ω typ
s FAST RESPONSE TIME : 2.5
µs typ for
5mV overdrive
s PIN-TO-PIN AND FUNCTIONALLY
COMPATIBLE WITH BIPOLAR LM393
DESCRIPTION
The TS393 is a micropower CMOS dual voltage
comparator with extremely low consumption of
9
µA typ / comparator (20 times less than bipolar
LM393). Similar performances are offered by the
dual micropower comparator TS3702 with a
push-pull CMOS output.
Thus response times remain similar to the LM393.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
P = Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
ND
P
TS393C
0°C, +70°C
••
TS393I
-40°C, +125°C
••
TS393M
-55°C, +125°C
••
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
P
TSSOP8
(Thin Shrink Small Outline Package)
1
2
3
45
6
7
8
Inverting Input 2
Output 2
Non-inverting Input 2
Output 1
Inverting Input 1
Non-inverting Input 1
CC
+
V
-
CC
V
-
+
-
+
TS393C,I,M
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
January 2003


Similar Part No. - TS393

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393 Datasheet
141Kb / 6P
Dual Voltage Comparator
logo
STMicroelectronics
TS393 STMICROELECTRONICS-TS393 Datasheet
155Kb / 12P
Micropower dual CMOS voltage comparators
28-Apr-2008
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
TS393 TSC-TS393 Datasheet
396Kb / 8P
Low Power Low Offset Voltage Dual Comparators
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
3A Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3702C STMICROELECTRONICS-TS3702C Datasheet
51Kb / 5P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
TS393 STMICROELECTRONICS-TS393_05 Datasheet
128Kb / 9P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Aug-2005
TS3702 STMICROELECTRONICS-TS3702 Datasheet
117Kb / 11P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
26-Feb-2007
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
26-Feb-2007
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
Micropower dual CMOS voltage comparators
28-Apr-2008
TS3702IDT STMICROELECTRONICS-TS3702IDT Datasheet
121Kb / 11P
Micropower dual CMOS voltage comparators
26-Feb-2007
TSX339 STMICROELECTRONICS-TSX339 Datasheet
940Kb / 22P
Micropower dual CMOS voltage comparators
16-Dec-2015
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
Micropower quad CMOS voltage comparators
29-Feb-2016
TSX393 STMICROELECTRONICS-TSX393 Datasheet
936Kb / 23P
Micropower dual CMOS voltage comparators
June 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com