Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5522JSVDZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 46Page - Analog Devices AD5522JSVDZ Datasheet HTML 47Page - Analog Devices AD5522JSVDZ Datasheet HTML 48Page - Analog Devices AD5522JSVDZ Datasheet HTML 49Page - Analog Devices AD5522JSVDZ Datasheet HTML 50Page - Analog Devices AD5522JSVDZ Datasheet HTML 51Page - Analog Devices AD5522JSVDZ Datasheet HTML 52Page - Analog Devices AD5522JSVDZ Datasheet HTML 53Page - Analog Devices AD5522JSVDZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
AD5522
Rev. A | Page 50 of 60
READ REGISTERS
Readback of all the registers in the device is possible via the SPI
and the LVDS interfaces. To read data from a register, it is first
necessary to write a readback command to tell the device which
register is required for readback. See Table 29 to address the
appropriate channel.
When the required channel is addressed, the device loads
the 24-bit readback data into the MSB positions of the 29-bit
serial shift register (the 5 LSBs are filled with zeros). SCLK
rising edges clock this readback data out on SDO (framed
by the SYNC signal).
A minimum of 24 clock rising edges is required to shift the
readback data out of the shift register. If writing a 24-bit word to
shift data out of the device, the user must ensure that the 24-bit
write is effectively an NOP (no operation) command. The last
five bits in the shift register are always 00000: these five bits
become the MSBs of the shift register when the 24-bit write is
loaded. To ensure that the device receives an NOP command as
described in Table 19, the recommended flush command is
0xFFFFFF; thus, no change is made to any register in the device.
Readback data can also be shifted out by writing another 29-bit
write or read command. If writing a 29-bit command, the read-
back data is MSB data available on SDO, followed by 00000.
Table 29. Read Functions of the AD5522
B28
B27
B26
B25
B24
B23
B22
B21 to B0
Selected Channel
RD/WR
PMU3
PMU2
PMU1
PMU0
MODE1
MODE0
Data bits
CH3
CH2
CH1
CH0
Read Functions
1
0
0
0
0
0
0
All zeros
Read from system control register
1
0
0
0
0
0
1
All zeros
Read from comparator status register
1
0
0
0
0
1
0
X
Reserved
1
0
0
0
0
1
1
All zeros
Read from alarm status register
Read Addressed PMU Register (Only One PMU Register Can Be Read at One Time)
1
0
0
0
1
0
0
All zeros
CH0
1
0
0
1
0
0
0
CH1
1
0
1
0
0
0
0
CH2
1
1
0
0
0
0
0
CH3
Read Addressed DAC M Register (Only One DAC Register Can Be Read at One Time)
1
0
0
0
1
0
1
DAC address
(see Table 28)
CH0
1
0
0
1
0
0
1
CH1
1
0
1
0
0
0
1
CH2
1
1
0
0
0
0
1
CH3
Read Addressed DAC C Register (Only One DAC Register Can Be Read at One Time)
1
0
0
0
1
1
0
DAC address
(see Table 28)
CH0
1
0
0
1
0
1
0
CH1
1
0
1
0
0
1
0
CH2
1
1
0
0
0
1
0
CH3
Read Addressed DAC X1 Register (Only One DAC Register Can Be Read at One Time)
1
0
0
0
1
1
1
DAC address
(see Table 28)
CH0
1
0
0
1
0
1
1
CH1
1
0
1
0
0
1
1
CH2
1
1
0
0
0
1
1
CH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com