Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5590BBC Datasheet(PDF) 15 Page - Analog Devices

Part # AD5590BBC
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590BBC Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5590BBC Datasheet HTML 11Page - Analog Devices AD5590BBC Datasheet HTML 12Page - Analog Devices AD5590BBC Datasheet HTML 13Page - Analog Devices AD5590BBC Datasheet HTML 14Page - Analog Devices AD5590BBC Datasheet HTML 15Page - Analog Devices AD5590BBC Datasheet HTML 16Page - Analog Devices AD5590BBC Datasheet HTML 17Page - Analog Devices AD5590BBC Datasheet HTML 18Page - Analog Devices AD5590BBC Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
AD5590
Rev. 0 | Page 15 of 44
CURRENT (mA)
0.50
0.40
–0.50
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
–10
–8
–6
–4
–2
0
2
4
8
610
DACVDD = 5V
VREFOUT = 2.5V
DAC LOADED WITH
ZERO-SCALE
SINKING CURRENT
DAC LOADED WITH
FULL-SCALE
SOURCING CURRENT
Figure 12. DAC Headroom at Rails vs. Source and Sink
CURRENT (mA)
6
5
4
3
2
1
–1
0
–30
–20
–10
0
10
20
30
DACVDD = 5V
VREFOUT = 2.5V
TA = 25°C
ZERO SCALE
FULL SCALE
MIDSCALE
1/4 SCALE
3/4 SCALE
Figure 13. DAC Sink and Source Capability
TIME BASE = 4µs/DIV
DACVDD = VREFA = 5V
TA = 25°C
FULL-SCALE CODE CHANGE
0x0000 TO 0xFFFF
OUTPUT LOADED WITH 2kΩ
AND 200pF TO GND
VOUT = 909mV/DIV
1
Figure 14. DAC Full-Scale Settling Time
CH1 2.0V
CH2 500mV
M100µs 125MS/s
A CH1
1.28V
8.0ns/pt
DACVDD = VREFA = 5V
TA = 25°C
VOUT
1
2
MAX(C2)*
420.0mV
DACVDD
Figure 15. DAC Power-On Reset to 0 V
DACVDD = 5V
DSYNC
DSCLK
VOUT
1
3
CH1 5.0V
CH3 5.0V
CH2 500mV
M400ns
A CH1
1.4V
2
Figure 16. DAC Exiting Power-Down to Midscale
SAMPLE
2.505
2.485
0
512
64
128
192
256
320
384
448
DACVDD = 5V
VREFOUT = 2.5V
TA = 25°C
4ns/SAMPLE NUMBER
GLITCH IMPULSE = 3.55nV-sec
1 LSB CHANGE AROUND
MIDSCALE (0x8000 TO 0x7FFF)
2.486
2.487
2.488
2.489
2.490
2.491
2.492
2.493
2.494
2.495
2.496
2.497
2.498
2.499
2.500
2.501
2.502
2.503
2.504
Figure 17. DAC Digital-to-Analog Glitch Impulse (Negative)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com