Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5752 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5752
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5752 Datasheet HTML 6Page - Analog Devices AD5752 Datasheet HTML 7Page - Analog Devices AD5752 Datasheet HTML 8Page - Analog Devices AD5752 Datasheet HTML 9Page - Analog Devices AD5752 Datasheet HTML 10Page - Analog Devices AD5752 Datasheet HTML 11Page - Analog Devices AD5752 Datasheet HTML 12Page - Analog Devices AD5752 Datasheet HTML 13Page - Analog Devices AD5752 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 10 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
0
10,000
20,000
30,000
40,000
50,000
60,000
–8
–6
–4
–2
0
2
4
6
AVDD/AVSS = +12V/0V, RANGE = +10V
AVDD/AVSS = ±12V, RANGE = ±10V
AVDD/AVSS = ±6.5V, RANGE = ±5V
AVDD/AVSS = +6.5V/0V, RANGE = +5V
Figure 6. AD5752 Integral Nonlinearity Error vs. Code
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
CODE
AVDD/AVSS = +12V/0V, RANGE = +10V
AVDD/AVSS = ±12V, RANGE = ±10V
AVDD/AVSS = ±6.5V, RANGE = ±5V
AVDD/AVSS = +6.5V/0V, RANGE = +5V
0
2000
4000
6000
8000
10,000 12,000 14,000 16,000
Figure 7. AD5732 Integral Nonlinearity Error vs. Code
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
AVDD/AVSS = +12V/0V, RANGE = +10V
AVDD/AVSS = ±12V, RANGE = ±10V
AVDD/AVSS = ±6.5V, RANGE = ±5V
AVDD/AVSS = +6.5V/0V, RANGE = +5V
Figure 8. AD5722 Integral Nonlinearity Error vs. Code
CODE
AVDD/AVSS = +12V/0V, RANGE = +10V
AVDD/AVSS = ±12V, RANGE = ±10V
AVDD/AVSS = ±6.5V, RANGE = ±5V
AVDD/AVSS = +6.5V/0V, RANGE = +5V
0
10,000
20,000
30,000
40,000
50,000
60,000
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
Figure 9. AD5752 Differential Nonlinearity Error vs. Code
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
CODE
AVDD/AVSS = +12V/0V, RANGE = +10V
AVDD/AVSS = ±12V, RANGE = ±10V
AVDD/AVSS = ±6.5V, RANGE = ±5V
AVDD/AVSS = +6.5V/0V, RANGE = +5V
0
2000
4000
6000
8000
10,000 12,000 14,000 16,000
Figure 10. AD5732 Differential Nonlinearity Error vs. Code
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0
500
1000
1500
2000
2500
3000
3500
4000
AVDD/AVSS = +12V/0V, RANGE = +10V
AVDD/AVSS = ±12V, RANGE = ±10V
AVDD/AVSS = ±6.5V, RANGE = ±5V
AVDD/AVSS = +6.5V/0V, RANGE = +5V
CODE
Figure 11. AD5722 Differential Nonlinearity Error vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com