Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5734 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5734
Description  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5734 Datasheet HTML 9Page - Analog Devices AD5734 Datasheet HTML 10Page - Analog Devices AD5734 Datasheet HTML 11Page - Analog Devices AD5734 Datasheet HTML 12Page - Analog Devices AD5734 Datasheet HTML 13Page - Analog Devices AD5734 Datasheet HTML 14Page - Analog Devices AD5734 Datasheet HTML 15Page - Analog Devices AD5734 Datasheet HTML 16Page - Analog Devices AD5734 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD5724/AD5734/AD5754
Rev. 0 | Page 13 of 32
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
±10V
±5V
+10V
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
Figure 24. Gain Error vs. Temperature
VLOGIC (V)
–100
0
100
200
300
400
500
600
700
800
900
1000
0123456
DVCC = 5V
DVCC = 3V
Figure 25. Digital Current vs. Logic Input Voltage
OUTPUT CURRENT (mA)
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
–25
–20
–15
–10
–5
0
5
10
15
20
25
±5V RANGE, CODE = 0xFFFF
±10V RANGE, CODE = 0xFFFF
+10V RANGE, CODE = 0xFFFF
+5V RANGE, CODE = 0xFFFF
±5V RANGE, CODE = 0x0000
±10V RANGE, CODE = 0x0000
Figure 26. Output Source and Sink Capability
–15
–10
–5
0
5
10
15
–3
–1
13579
11
TIME (µs)
Figure 27. Full-Scale Settling Time, ±10 V Range
–7
–5
–3
–1
1
3
5
7
–3
–1
13579
11
TIME (µs)
Figure 28. Full-Scale Settling Time, ±5 V Range
0
2
4
6
8
10
12
–3
–1
13579
11
TIME (µs)
Figure 29. Full-Scale Settling Time, +10 V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com