Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7352 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7352
Description  Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7352 Datasheet HTML 7Page - Analog Devices AD7352 Datasheet HTML 8Page - Analog Devices AD7352 Datasheet HTML 9Page - Analog Devices AD7352 Datasheet HTML 10Page - Analog Devices AD7352 Datasheet HTML 11Page - Analog Devices AD7352 Datasheet HTML 12Page - Analog Devices AD7352 Datasheet HTML 13Page - Analog Devices AD7352 Datasheet HTML 14Page - Analog Devices AD7352 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7352
Rev. 0 | Page 11 of 20
Intermodulation Distortion (IMD)
With inputs consisting of sine waves at two frequencies, fa
and fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa ± nfb where
m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms
are those for which neither m nor n is equal to zero. For example,
the second-order terms include (fa + fb) and (fa − fb), while the
third-order terms include (2fa + fb), (2fa − fb), (fa + 2fb), and
(fa − 2fb).
The AD7352 is tested using the CCIF standard where two input
frequencies near the top end of the input bandwidth are used.
In this case, the second-order terms are usually distanced in
frequency from the original sine waves and the third-order
terms are usually at a frequency close to the input frequencies.
As a result, the second- and third-order terms are specified
separately. The calculation of the intermodulation distortion
is as per the THD specification, where it is the ratio of the rms
sum of the individual distortion products to the rms amplitude
of the sum of the fundamentals expressed in decibels.
Thermal Hysteresis
Thermal hysteresis is defined as the absolute maximum change
of reference output voltage after the device is cycled through
temperature from either
T_HYS+ = +25°C to TMAX to +25°C
T_HYS− = +25°C to TMIN to +25°C
Thermal hysteresis is expressed in ppm using the following
equation:
6
10
)
25
(
)
_
(
)
25
(
)
ppm
(
×
°
−
°
=
C
V
HYS
T
V
C
V
V
REF
REF
REF
HYS
where:
VREF(25°C) is VREF at 25°C.
VREF(T_HYS) is the maximum change of VREF at T_HYS+
or T_HYS–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com