Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8366 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8366
Description  DC to 500 MHz, Dual Digital Gain Trim Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8366 Datasheet HTML 2Page - Analog Devices AD8366 Datasheet HTML 3Page - Analog Devices AD8366 Datasheet HTML 4Page - Analog Devices AD8366 Datasheet HTML 5Page - Analog Devices AD8366 Datasheet HTML 6Page - Analog Devices AD8366 Datasheet HTML 7Page - Analog Devices AD8366 Datasheet HTML 8Page - Analog Devices AD8366 Datasheet HTML 9Page - Analog Devices AD8366 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AD8366
Preliminary Technical Data
Rev. PrC | Page 6 of 13
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
BIT0/CS
2
BIT1/SDAT
3
BIT2/SCLK
4
BIT3
5
OCOM
6
BIT4
7
BIT5
8
DENA
24
23
22
21
20
19
18
17
VPSIA
IPPA
IPMA
ENBL
ICOM
IPMB
IPPB
VPSIB
TOP VIEW
AD8366
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 13, 28
VPSIA, VPSIB,
VPSOA, VPSOB
Input and Output Stage Positive Supply Voltage. 4.5 V − 5.5 V.
2, 3, 6, 7
IPPA, IPMA,
IPPB, IPMB
Differential Inputs
4
ENBL
Chip Enable. Pull high to enable.
5, 20
ICOM, OCOM
Input and Output Stage Common. Connect via lowest possible impedance to external circuit
common
9, 32
DECA, DECB
Vpos/2 Reference Output Decoupling. Connect decoupling capacitor to circuit common.
10, 31
OFSA, OFSB
Output Offset Correction Loop Compensation. Connect capacitor to circuit common. Tie to
common to disable.
11, 30
CCMA, CCMB
Output Common-mode Centering Loop Compensation. Connect capacitor to circuit common
12, 29
VCMB, VCMA
Output Common-mode Setpoint. Defaults to Vpos/2 if left open
14, 15, 26, 27
OPPB, OPMB,
OPMA, OPPA
Differential Outputs
16, 17
DENB, DENA
Data enable . Pull high to address each or both channels for parallel load. Not used in serial mode.
18, 19, 21, 22, 23, 24
BIT5, BIT4, BIT3,
BIT2, BIT1, BIT0
Parallel data path for SENB pulled low. For SENB pulled high, BIT0 becomes a chip-select (CS), BIT1
becomes serial data input, SDAT, and BIT2 becomes serial clock, SCLK. BIT3-BIT5 are not used in
the serial mode
25
SENB
Serial interface enable. Pull high for serial; pull low for parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com