Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8226ARZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8226ARZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226ARZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8226ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
AD8226
Rev. PrA | Page 3 of 16
SPECIFICATIONS
+VS = +15 V, −VS = −15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 10 kΩ, unless otherwise noted.
Table 2.
Parameter
Conditions
A, C Grade
B Grade
Unit
Min
Typ
Max
Min
Typ
Max
COMMON-MODE REJECTION RATIO
(CMRR)
CMRR DC to 60 Hz
VCM = –10 V to +10 V
G = 1
76
86
dB
G = 10
90
100
dB
G = 100
105
105
dB
G = 1000
105
105
dB
NOISE
Total Noise:
eN = √eNI2 + (eNO/G2)
Voltage Noise, 1 kHz
Input Voltage Noise, eNI
VIN+, VIN−, VREF = 0
22
22
nV/√Hz
Output Voltage Noise, eNO
120
120
nV/√Hz
RTI
f = 0.1 Hz to 10 Hz
G = 1
3
3
µV p-p
G = 10
0.8
0.8
µV p-p
G = 100 to 1000
0.6
0.6
µV p-p
Current Noise
f = 1 kHz
100
100
fA/√Hz
f = 0.1 Hz to 10 Hz
3
3
pA p-p
VOLTAGE OFFSET
Total offset voltage :
VOS = VOSI + (VOSO/G)
Input Offset, VOSI
VS = ±5 V to ±15 V
500
200
µV
Over Temperature
TA = TMIN to TMAX
µV
Average temperature coefficient
TA = TMIN to TMAX
Output Offset, VOSO
VS = ±5 V to ±15 V
1500
750
µV
Over Temperature
TA = TMIN to TMAX
mV
Average temperature coefficient
TA = TMIN to TMAX
2
15
2
7
µV/°C
Offset RTI vs. Supply (PSR)
VS = ±5 V to ±15 V
G = 1
80
90
dB
G = 10
100
105
dB
G = 100
105
105
dB
G = 1000
105
105
dB
INPUT CURRENT
Input Bias Current
10
20
30
10
20
30
nA
Over Temperature
TA = TMIN to TMAX
5
40
5
40
nA
Average temperature coefficient
TA = TMIN to TMAX
100
100
pA/°C
Input Offset Current
3
2
nA
Over Temperature
TA = TMIN to TMAX
5
5
nA
Average temperature coefficient
TA = TMIN to TMAX
5
5
pA/°C
REFERENCE INPUT
RIN
100
100
IIN
7
7
µA
Voltage Range
−VS
+VS
−VS
+VS
V
Reference Gain to Output
1
1
V/V
Reference Gain Error
0.01
0.01
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com