Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9520-3 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9520-3
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9520-3 Datasheet HTML 17Page - Analog Devices AD9520-3 Datasheet HTML 18Page - Analog Devices AD9520-3 Datasheet HTML 19Page - Analog Devices AD9520-3 Datasheet HTML 20Page - Analog Devices AD9520-3 Datasheet HTML 21Page - Analog Devices AD9520-3 Datasheet HTML 22Page - Analog Devices AD9520-3 Datasheet HTML 23Page - Analog Devices AD9520-3 Datasheet HTML 24Page - Analog Devices AD9520-3 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
AD9520-3
Rev. 0 | Page 21 of 84
TYPICAL PERFORMANCE CHARACTERISTICS
350
300
250
200
150
100
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
3 CHANNELS—6 LVPECL
3 CHANNELS—3 LVPECL
2 CHANNELS—2 LVPECL
1 CHANNEL—1 LVPECL
Figure 6. Total Current vs. Frequency, CLK-to-Output (PLL Off),
LVPECL Outputs Terminated 50 Ω to VS_DRV − 2 V
240
220
200
180
160
140
120
100
80
0
50
100
150
200
250
FREQUENCY (MHz)
3 CHANNELS—6 CMOS
3 CHANNELS—3 CMOS
2 CHANNELS—2 CMOS
1 CHANNEL—1 CMOS
Figure 7. Total Current vs. Frequency, CLK-to-Output (PLL Off),
CMOS Outputs with 10 pF Load
70
65
60
55
50
45
40
35
30
25
1.7
1.8
1.9
2.0
2.1
2.2
2.3
VCO FREQUENCY (GHz)
Figure 8. KVCO vs. VCO Frequency
5
4
3
2
1
0
03
3.0
2.5
2.0
1.5
1.0
0.5
VOLTAGE ON CP PIN (V)
.5
PUMP UP
PUMP DOWN
Figure 9. Charge Pump Characteristics @ VCP = 3.3 V
5
4
3
2
1
0
05
4.0
3.0
4.5
3.5
2.5
2.0
1.5
1.0
0.5
VOLTAGE ON CP PIN (V)
.0
PUMP DOWN
PUMP UP
Figure 10. Charge Pump Characteristics @ VCP = 5.0 V
–140
–145
–150
–155
–160
–165
–170
0.1
1
100
10
PFD FREQUENCY (MHz)
Figure 11. PFD Phase Noise Referred to PFD Input vs. PFD Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com