Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9522-4/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9522-4/PCBZ
Description  12 LVDS/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-4/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9522-4/PCBZ Datasheet HTML 14Page - Analog Devices AD9522-4/PCBZ Datasheet HTML 15Page - Analog Devices AD9522-4/PCBZ Datasheet HTML 16Page - Analog Devices AD9522-4/PCBZ Datasheet HTML 17Page - Analog Devices AD9522-4/PCBZ Datasheet HTML 18Page - Analog Devices AD9522-4/PCBZ Datasheet HTML 19Page - Analog Devices AD9522-4/PCBZ Datasheet HTML 20Page - Analog Devices AD9522-4/PCBZ Datasheet HTML 21Page - Analog Devices AD9522-4/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
AD9522-4
Rev. 0 | Page 18 of 84
Pin No.
Input/
Output
Pin
Type
Mnemonic
Description
15
I
3.3 V CMOS
CS
Serial Control Port Chip Select; Active Low. This pin has an internal 30 kΩ
pull-up resistor.
16
I
3.3 V CMOS
SCLK/SCL
Serial Control Port Clock Signal. This pin has an internal 30 kΩ pull-down resistor
in SPI mode but is high impedance in I²C mode.
17
I/O
3.3 V CMOS
SDIO/SDA
Serial Control Port Bidirectional Serial Data In/Out.
18
O
3.3 V CMOS
SDO
Serial Control Port Unidirectional Serial Data Out.
19, 59
I
GND
GND
Ground Pins.
20
I
Three-level
logic
SP1
Select SPI or I²C as the serial interface port and select the I²C slave address in I²C
mode. Three-level logic. This pin is internally biased for the open logic level.
21
I
Three-level
logic
SP0
Select SPI or I²C as the serial interface port and select the I²C slave address in I²C
mode. Three-level logic. This pin is internally biased for the open logic level.
22
I
3.3 V CMOS
EEPROM
Setting this pin high selects the register values stored in the internal EEPROM to
be loaded at reset and/or power-up. Setting this pin low causes the AD9522 to
load the hard-coded default register values at power-up/reset. This pin has an
internal 30 kΩ pull-down resistor.
23
I
3.3 V CMOS
RESET
Chip Reset, Active Low. This pin has an internal 30 kΩ pull-up resistor.
24
I
3.3 V CMOS
PD
Chip Power-Down, Active Low. This pin has an internal 30 kΩ pull-up resistor.
25
O
LVDS or
CMOS
OUT9 (OUT9A)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
26
O
LVDS or
CMOS
OUT9 (OUT9B)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
28
O
LVDS or
CMOS
OUT10 (OUT10A)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
29
O
LVDS or
CMOS
OUT10 (OUT10B)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
30
O
LVDS or
CMOS
OUT11 (OUT11A)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
31
O
LVDS or
CMOS
OUT11 (OUT11B)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
33
O
LVDS or
CMOS
OUT6 (OUT6A)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
34
O
LVDS or
CMOS
OUT6 (OUT6B)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
36
O
LVDS or
CMOS
OUT7 (OUT7A)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
37
O
LVDS or
CMOS
OUT7 (OUT7B)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
38
O
LVDS or
CMOS
OUT8 (OUT8A)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
39
O
LVDS or
CMOS
OUT8 (OUT8B)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
42
O
LVDS or
CMOS
OUT5 (OUT5B)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
43
O
LVDS or
CMOS
OUT5 (OUT5A)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
44
O
LVDS or
CMOS
OUT4 (OUT4B)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.
45
O
LVDS or
CMOS
OUT4 (OUT4A)
Clock Output. This pin can be configured as one side of a differential LVDS output
or as a single-ended CMOS output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com