Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS461 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS461
Description  OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS461 Datasheet(HTML) 1 Page - STMicroelectronics

  TS461 Datasheet HTML 1Page - STMicroelectronics TS461 Datasheet HTML 2Page - STMicroelectronics TS461 Datasheet HTML 3Page - STMicroelectronics TS461 Datasheet HTML 4Page - STMicroelectronics TS461 Datasheet HTML 5Page - STMicroelectronics TS461 Datasheet HTML 6Page - STMicroelectronics TS461 Datasheet HTML 7Page - STMicroelectronics TS461 Datasheet HTML 8Page - STMicroelectronics TS461 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS461
TS462
TS464
OUTPUT RAIL TO RAIL
OPERATIONAL AMPLIFIERS
August 1999
.
HIGH DYNAMIC FEATURES
.
LARGE OUTPUT SWING
(
±2.4V @ VCC = ±2.5V)
.
LOW NOISE LEVEL : 4nV/
√√

Hz
.
LOW DISTORTION : 0.003%
.
OPERATING RANGE : 2.7V to 12V
.
AVAILABLE IN SOT23-5 MICROPACKAGE
®
DESCRIPTION
The TS46x is operational amplifiers able to operate
with voltages as low as
±1.35V and to reach a
minimum of
±2Vpp of output swing when supplied
with
±2.5V.
This device is well suited for every kind of portable
and battery-supplied equipment where low noise
and low distortion are key.
The TS461/2/4 are a cost-attractive access to the
range of the Rail to Rail Op-Amps from
STMicroelectonics.
APPLICATIONS
.
Sound cards
.
PDA
.
CD players
.
Recording equipments
.
Multimedia
.
Microphone preamplifier
PIN CONNECTIONS (top view)
ORDER CODES
Part
Number
Temperature
Range
Package
SOT23
Marking
ND
P
L
TS461C
-20, +70
oC
••
K105
TS462C
-20, +70
oC
•••
TS464C
-20, +70
oC
•••
1
2
3
4
5
6
7
8
-
+
Inverting Input 1
N. C.
Non -inverting Input 1
V
DD
V
CC
O utput 2
N.C .
N.C.
TS461CD
1
2
3
4
5
Inverting input
Non-inverting input
O utput
VDD
VCC
TS461CLT
1
2
3
45
6
7
8
-
+
-
+
Inve rting Inp ut 1
Output 1
Non-inve rting Inp ut 1
VDD
VCC
Output 2
Inverting Input 2
Non-inverting Input 2
TS462CN-TS462CD-TS462CPT
Inve rting Input 2
Non-inverting Input 2
Non-inve rting Input 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inve rting Input 1
Output 2
TS464CN-TS464CD-TS464CPT
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel
P = Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
L = Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
1/10


Similar Part No. - TS461

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
TS461 STMICROELECTRONICS-TS461 Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
TS461CD STMICROELECTRONICS-TS461CD Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
TS461CD/CDT STMICROELECTRONICS-TS461CD/CDT Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
TS461CDT STMICROELECTRONICS-TS461CDT Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
More results

Similar Description - TS461

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
Output rail-to-rail micropower operational amplifiers
05-Mar-2009
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
SGM8932 SGMICRO-SGM8932 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_15 Datasheet
483Kb / 11P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com